Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 94 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 94 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 90Page - Analog Devices AD9927BBCZ Datasheet HTML 91Page - Analog Devices AD9927BBCZ Datasheet HTML 92Page - Analog Devices AD9927BBCZ Datasheet HTML 93Page - Analog Devices AD9927BBCZ Datasheet HTML 94Page - Analog Devices AD9927BBCZ Datasheet HTML 95Page - Analog Devices AD9927BBCZ Datasheet HTML 96Page - Analog Devices AD9927BBCZ Datasheet HTML 97Page - Analog Devices AD9927BBCZ Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
AD9927
Rev. 0 | Page 94 of 100
Address
Data Bits
Default Value
Update Type
Name
Description
19
[12:0]
X
SCP
XV13TOG3
XV13 Toggle Position 3.
[25:13]
X
XV13TOG4
XV13 Toggle Position 4.
1A
[12:0]
X
SCP
XV14TOG1
XV14 Toggle Position 1.
[25:13]
X
XV14TOG2
XV14 Toggle Position 2
1B
[12:0]
X
SCP
XV14TOG3
XV14 Toggle Position 3.
[25:13]
X
XV14TOG4
XV14 Toggle Position 4.
1C
[12:0]
X
SCP
XV15TOG1
XV15 Toggle Position 1.
[25:13]
X
XV15TOG2
XV15 Toggle Position 2.
1D
[12:0]
X
SCP
XV15TOG3
XV15 Toggle Position 3.
[25:13]
X
XV15TOG4
XV15 Toggle Position 4.
1E
[12:0]
X
SCP
XV16TOG1
XV16 Toggle Position 1.
[25:13]
X
XV16TOG2
XV16 Toggle Position 2.
1F
[12:0]
X
SCP
XV16TOG3
XV16 Toggle Position 3.
[25:13]
X
XV16TOG4
XV16 Toggle Position 4.
20
[12:0]
X
SCP
XV17TOG1
XV17 Toggle Position 1.
[25:13]
X
XV17TOG2
XV17 Toggle Position 2.
21
[12:0]
X
SCP
XV17TOG3
XV17 Toggle Position 3.
[25:13]
X
XV17TOG4
XV17 Toggle Position 4.
22
[12:0]
X
SCP
XV18TOG1
XV18 Toggle Position 1.
[25:13]
X
XV18TOG2
XV18 Toggle Position 2.
23
[12:0]
X
SCP
XV18TOG3
XV18 Toggle Position 3.
[25:13]
X
XV18TOG4
XV18 Toggle Position 4.
24
[12:0]
X
SCP
XV19TOG1
XV19 Toggle Position 1.
[25:13]
X
XV19TOG2
XV19 Toggle Position 2.
25
[12:0]
X
SCP
XV19TOG3
XV19 Toggle Position 3.
[25:13]
X
XV19TOG4
XV19 Toggle Position 4.
26
[12:0]
X
SCP
XV20TOG1
XV20 Toggle Position 1.
[25:13]
X
XV20TOG2
XV20 Toggle Position 2.
27
[12:0]
X
SCP
XV20TOG3
XV20 Toggle Position 3.
[25:13]
X
XV20TOG4
XV20 Toggle Position 4.
28
[12:0]
X
SCP
XV21TOG1
XV21 Toggle Position 1.
[25:13]
X
XV21TOG2
XV21 Toggle Position 2.
29
[12:0]
X
SCP
XV21TOG3
XV21 Toggle Position 3.
[25:13]
X
XV21TOG4
XV21 Toggle Position 4.
2A
[12:0]
X
SCP
XV22TOG1
XV22 Toggle Position 1.
[25:13]
X
XV22TOG2
XV22 Toggle Position 2.
2B
[12:0]
X
SCP
XV22TOG3
XV22 Toggle Position 3.
[25:13]
X
XV22TOG4
XV22 Toggle Position 4.
2C
[12:0]
X
SCP
XV23TOG1
XV23 Toggle Position 1.
[25:13]
X
XV23TOG2
XV23 Toggle Position 2.
2D
[12:0]
X
SCP
XV23TOG3
XV23 Toggle Position 3.
[25:13]
X
XV23TOG4
XV23 Toggle Position 4.
2E
[12:0]
X
SCP
XV24TOG1
XV24 Toggle Position 1.
[25:13]
X
XV24TOG2
XV24 Toggle Position 2.
2F
[12:0]
X
SCP
XV24TOG3
XV24 Toggle Position 3.
[25:13]
X
XV24TOG4
XV24 Toggle Position 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com