Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 71Page - Analog Devices AD9927BBCZ Datasheet HTML 72Page - Analog Devices AD9927BBCZ Datasheet HTML 73Page - Analog Devices AD9927BBCZ Datasheet HTML 74Page - Analog Devices AD9927BBCZ Datasheet HTML 75Page - Analog Devices AD9927BBCZ Datasheet HTML 76Page - Analog Devices AD9927BBCZ Datasheet HTML 77Page - Analog Devices AD9927BBCZ Datasheet HTML 78Page - Analog Devices AD9927BBCZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
AD9927
Rev. 0 | Page 75 of 100
VD
HD
CLI
XX
XX XX
X
X
3ns MIN
XX
X
XXX
X
XX
X
XX X
3ns MIN
tCLIDLY
35.5 CYCLES
XX
X
0
X X X
X
XX
X
XX
XX
X
X
12
NOTES
1. EXTERNAL HD FALLING EDGE IS LATCHED BY CLI RISING EDGE, AND THEN LATCHED AGAIN BY SHD INTERNAL FALLING EDGE.
2. INTERNAL H-COUNTER IS ALWAYS RESET 35.5 CLOCK CYCLES AFTER THE INTERNAL HD FALLING EDGE.
3. DEPENDING ON THE VALUE OF SHDLOC, H-COUNTER RESET CAN OCCUR 36 OR 37 CLI CLOCK EDGES AFTER THE EXTERNAL HD FALLING EDGE.
4. SHDLOC = 0 IS SHOWN IN ABOVE EXAMPLE. IN THIS CASE, THE H-COUNTER RESET OCCURS 36 CLI RISING EDGES AFTER HD FALLING EDGE.
5. HD FALLING EDGE SHOULD OCCUR COINCIDENT WITH VD FALLING EDGE (WITHIN SAME CLI CYCLE) OR AFTER VD FALLING EDGE. HD FALLING
EDGE SHOULD NOT OCCUR WITHIN FIVE CLI CYCLES PRIOR TO THE VD FALLING EDGE.
H-COUNTER
RESET
SHD
INTERNAL
HD
INTERNAL
H-COUNTER
(PIXEL COUNTER)
tVDHD
Figure 89. External VD/HD and Internal H-Counter Synchronization, Slave Mode
1HBLKTOG1
60
(60 – 36) = 24
2HBLKTOG2
100
(100 – 36) = 64
3CLPOB_TOG1
103
(103 – 36) = 67
4CLPOB_TOG2
112
(112 – 36) = 76
MASTER MODE
SLAVE MODE
H1
CLPOB
PIXEL NO.
HD
112
103
100
60
0
12
3
4
Figure 90. Example of Slave Mode Register Setting to Obtain Desired Toggle Positions
Vertical Toggle Position Placement Near Counter Reset
An additional consideration during the reset of the internal
counters is the vertical toggle position placement. Prior to the
internal counters being reset, there is a region of 36 pixels
during which no toggle positions should be programmed.
As shown in Figure 91, for master mode the last 36 pixels before
the HD falling edge must not be used for toggle position placement
of the V, VSG, SUBCK, HBLK, PBLK, or CLPOB pulses.
Figure 92 shows the same example for slave mode. The same
restriction applies: the last 36 pixels before the counters are
reset cannot be used. However, in slave mode, the counter reset
is delayed with respect to VD/HD placement, so the inhibited
area is different than it is in master mode.
It is recommended that Pixel Location 0 not be used for any of
the toggle positions for the VSG and SUBCK pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com