Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 14 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 14 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 10Page - Laird Tech Smart Technology 97-252 Datasheet HTML 11Page - Laird Tech Smart Technology 97-252 Datasheet HTML 12Page - Laird Tech Smart Technology 97-252 Datasheet HTML 13Page - Laird Tech Smart Technology 97-252 Datasheet HTML 14Page - Laird Tech Smart Technology 97-252 Datasheet HTML 15Page - Laird Tech Smart Technology 97-252 Datasheet HTML 16Page - Laird Tech Smart Technology 97-252 Datasheet HTML 17Page - Laird Tech Smart Technology 97-252 Datasheet HTML 18Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
SLOT MOUNT SERIES
2.1
www.lairdtech.com
TOP VIEW
D Pitch
E
Slot
A
RIGHT VIEW
B
H
C
Q Radius (R)
M
Approx. Length
See page 2-2
for dimensions.
See page 2-2
for dimensions.
See page 2-2
for dimensions.
77-015
77-018
77-010
77-011
*N
*O
➛
Recommended Mounting Hole Pattern
*P
Material
Thickness
➛
Length of slot is dependent on
the number of fingers used
Laird Technologies’ Slot Mount Series of beryllium copper shielding gaskets
is designed for use in a wide variety of slotted applications. This economical
product line is ideal for both grounding and shielding applications.
• Minimal slot fabrication cost
• Easy and cost-effective installation since fasteners and adhesives
are not required
• Bi-directional wiping and compression action to accommodate a
wide variety of designs
• Ideal for grounding and shielding in the following electronic
enclosure applications:
– Front panel handles
– Chassis covers
– Plug-in units
– Backplanes
– Subrack assemblies
• Standard (77-Series) and UltraSoft
® (78-Series low compression versions)
are also supplied in 25.0 ft. (7.6 m) coils
The Slot Mount Series is available in your choice of finishes, see page 1-11.
For load/deflection data, see page 2-33.
See page 2-2
for dimensions.
Slot Mount Series are available with Universal and Tape Track mounting
options, see page 1-9, 1-10.
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com