Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 29 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 29 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 25Page - Laird Tech Smart Technology 97-252 Datasheet HTML 26Page - Laird Tech Smart Technology 97-252 Datasheet HTML 27Page - Laird Tech Smart Technology 97-252 Datasheet HTML 28Page - Laird Tech Smart Technology 97-252 Datasheet HTML 29Page - Laird Tech Smart Technology 97-252 Datasheet HTML 30Page - Laird Tech Smart Technology 97-252 Datasheet HTML 31Page - Laird Tech Smart Technology 97-252 Datasheet HTML 32Page - Laird Tech Smart Technology 97-252 Datasheet HTML 33Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
TWIST SERIES
2.16
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
SERIES
A
B
C
D
E
H
APPROX.
APPROX. GASKET
PITCH
SLOT
LENGTH
COIL
IN. (MM)
FT. (M)
97-550
0.230
0.030
0.003
0.095
0.015
0.140
24.000
25.0
NO
(5.842)
(0.762)
(0.076)
(2.413)
(0.381)
(3.556)
(609.600)
(7.6)
97-551
0.160
0.030
0.003
0.095
0.015
0.080
24.000
—
NO
(4.064)
(0.762)
(0.076)
(2.413)
(0.381)
(2.032)
(609.600)
—
97-555
0.340
0.070
0.003
0.165
0.015
0.180
24.000
25.0
NO
(8.636)
(1.778)
(0.076)
(4.191)
(0.381)
(4.572)
(609.600)
(7.6)
97-556
0.340
0.070
0.003
0.165
0.015
0.180
24.000
25.0
YES
(8.636)
(1.778)
(0.076)
(4.191)
(0.381)
(4.572)
(609.600)
(7.6)
97-558
0.200
0.070
0.003
0.165
0.015
0.110
24.000
—
NO
(5.080)
(1.778)
(0.076)
(4.191)
(0.381)
(2.794)
(609.600)
—
97-559
0.300
0.070
0.003
0.165
0.015
0.180
24.000
25.0
NO
(7.620)
(1.778)
(0.076)
(4.191)
(0.381)
(4.572)
(609.600)
(7.6)
97-560
0.500
0.070
0.003
0.165
0.015
0.190
24.000
25.0
NO
(12.700)
(1.778)
(0.076)
(4.191)
(0.381)
(4.826)
(609.600)
(7.6)
97-561
0.500
0.070
0.003
0.165
0.015
0.190
24.000
25.0
YES
(12.700)
(1.778)
(0.076)
(4.191)
(0.381)
(4.826)
(609.600)
(7.6)
97-567
0.725
0.209
0.003
0.500
0.015
0.408
24.000
25.0
NO
(18.415)
(5.309)
(0.076)
(12.700)
(0.381)
(10.363)
(609.600)
(7.6)
97-569
0.500
0.120
0.003
0.250
0.015
0.250
24.000
25.0
NO
(12.700)
(3.048)
(0.076)
(6.350)
(0.381)
(6.350)
(609.600)
(7.6)
TWIST SERIES
Adhesive-mounted beryllium copper contact strips
with scientific twist design offer narrow electronic
gaskets for general shielding applications.
Different widths are available to suit your specific
application for single edge contact strips. Also available
are two 90 degree versions (Series 97-551 and 97-558)
to provide alternate mounting capability. Series 97-555, 97-558 and 97-559
provide shielding effectiveness > 100 dB for a 100 MHz plane wave, ideal
for all types of panel or electronic enclosures. Series 97-550, 97-551 and
97-560 provide shielding effectiveness > 115 dB for a 100 MHz plane wave.
Series 97-560 strips are especially suitable for cabinets with panel divider
bars. Their unique double-edge design permits panels to be removed easily
and replaced without damage to the installed strip.
All Twist Series strips are furnished in 24.000 in. (609.600 mm) lengths.
Strips (except 97-551 and 97-558) are also available in standard 25.0 ft.
(7.6 m) coils. Right angle product configurations are not available in coils.
All are available in your choice of finishes, see page 1-11. For load/deflection
data, see page 2-33.
COMBINATION ENVIRONMENTAL RUBBER GASKET
Series 97-556 and 97-561 are versions of 97-555 and 97-560, respectively,
incorporating a Poron
® rubber gasket to act as an environmental shield, offering
a high degree of protection against dust and moisture. All are available in your
choice of finishes, see page 1-11. For load/deflection data, see page 2-33.
These 97-Series products are also available in UltraSoft® low compression
force 98-Series.
97-555
97-551
97-556
97-558
97-559
97-560
97-567
97-569
97-561
DETAIL OF RIGHT
ANGLE 97-558
DETAIL OF RIGHT
ANGLE 97-551
97-550
A
H
B
Free
Position
Double Adhesive
Transfer Tape
H
E
D
C
A
B
C
H
A
At Smallest
Opening
Poron®
Gasket
In Flat
In Flat
Free Position
Double Adhesive Transfer Tape
0.06
(1.524)
Poron®
Gasket
97-551/97-558
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com