Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 36 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 36 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 32Page - Laird Tech Smart Technology 97-252 Datasheet HTML 33Page - Laird Tech Smart Technology 97-252 Datasheet HTML 34Page - Laird Tech Smart Technology 97-252 Datasheet HTML 35Page - Laird Tech Smart Technology 97-252 Datasheet HTML 36Page - Laird Tech Smart Technology 97-252 Datasheet HTML 37Page - Laird Tech Smart Technology 97-252 Datasheet HTML 38Page - Laird Tech Smart Technology 97-252 Datasheet HTML 39Page - Laird Tech Smart Technology 97-252 Datasheet HTML 40Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
BATTERY CONTACTS
2.23
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
Force vs. Deflection
Part No: 97-489
Deflection (mm)
0.4
0.3
0.2
0.1
0.0
150
100
50
0
Deflection (in.)`
01
2
3
4
0.000
0.050
0.100
0.150
Force vs. Deflection
Part No: 97-490
Deflection (mm)
2.0
1.5
1.0
0.5
0.0
750
500
250
0
Deflection (in.)
01
2
3
0.000 0.020
0.040
0.060
0.080
0.100
0.120
0.140
0.370
(9.398)
0.084
(2.134)
0.020 (0.508)
0.007
(0.178)
Thickness
0.329
(8.357)
Recommended
Gap Between
Contact and
Backstop
Backstop
Braces the
Deflected
Contact
Recommended
Deflection
0.313
(7.950)
0.200
(5.080)
0.603
(15.316)
0.075
(1.905)
0.030
(0.762)
0.283
(7.188)
97-490
0.640 (16.256)
0.783 (19.888)
0.720 (18.288)
0.150
(3.810)
0.150 (3.810)
Recommended
Deflection
0.310
(7.874)
0.340 (8.636)
Solder Pad
0.045
(1.143)
97-489 TOP VIEW
97-489 BATTERY PACK CONTACTS
SIDE VIEW
SIDE VIEW
FRONT VIEW
97-490 AA/AAA
BATTERY CONTACT APPLICATIONS
Part Contacts
Itself
Part Contacts
Backstop
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 2.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com