Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 18 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 18 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 14Page - Laird Tech Smart Technology 97-252 Datasheet HTML 15Page - Laird Tech Smart Technology 97-252 Datasheet HTML 16Page - Laird Tech Smart Technology 97-252 Datasheet HTML 17Page - Laird Tech Smart Technology 97-252 Datasheet HTML 18Page - Laird Tech Smart Technology 97-252 Datasheet HTML 19Page - Laird Tech Smart Technology 97-252 Datasheet HTML 20Page - Laird Tech Smart Technology 97-252 Datasheet HTML 21Page - Laird Tech Smart Technology 97-252 Datasheet HTML 22Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
VARIABLE SLOT MOUNT
2.5
www.lairdtech.com
50
45
40
35
30
25
20
15
10
5
0
70
60
50
40
30
20
10
0
020
40
60
80
77-056
78-056
Compression/Deflection
Part No: 77-56-02 (Variable Slot Mount Series)
Deflection (%)
E Slot
D Pitch
A
FRONT VIEW
Approx. Length
B
M
Q
C
RIGHT VIEW
FIGURE 2
Material Thickness
Length of slot and distance
between slots is dependent
on hole mounting pattern.
*P
*N
*O
SERIES
A
B
C
D
E
H
M
*N
*O
*P
Q
LENGTH # OF
VIEW**
RECOMMENDED
(R)
APPROX. FING.
77-090 0.600
0.220
0.005
0.282
0.032 0.140
0.180
0.140
0.520
0.070
0.040
16.000
57
B
(15.240) (5.588) (0.127) (7.163) (0.813) (3.556) (4.572) (3.556) (13.208) (1.778) (1.016) (406.400)
—
77-105 0.600
0.220
0.005
0.282
0.032 0.140
0.180
0.140
0.520
0.070
0.040
16.000
57
C
(15.240) (5.588) (0.127) (7.163) (0.813) ( 3.556) (4.572) (3.556) (13.208) (1.778) (1.016) (406.400)
—
77-106 0.600
0.220
0.005
0.282
0.032 0.140
0.180
0.140
0.520
0.070
0.040
16.000
57
D
(15.240) (5.588) (0.127) (7.163) (0.813) ( 3.556) (4.572) (3.556) (13.208) (1.778) (1.016) (406.400)
—
77-107 0.600
0.220
0.005
0.282
0.032 0.140
0.180
0.140
0.520
0.070
0.040
16.000
57
E
(15.240) (5.588) (0.127) (7.163) (0.813) ( 3.556) (4.572) (3.556) (13.208) (1.778) (1.016) (406.400)
—
* May vary depending upon application.
** See Figure 1 for finger patterns.
SERIES
A
B
C
D
E
H
M
*N
*O
*P
Q
LENGTH # OF
VIEW**
RECOMMENDED
(R)
APPROX. FING.
77-056 0.320
0.110
0.004
0.187
0.018 0.085
0.110
0.090
0.260
0.040
0.020
16.000
86
A
(8.128) (2.794) (0.102) (4.750) (0.457) (2.159) (2.794) (2.286) (6.604) (1.016) (0.508) (406.400)
—
77-057 0.600
0.220
0.005
0.282
0.032 0.130
0.180
0.140
0.520
0.070
0.040
16.000
57
A
(15.240) (5.588) (0.127) (7.163) (0.813) (3.302) (4.572) (3.556) (13.208) (1.778) (1.016) (406.400)
—
77-060 0.320
0.110
0.003
0.187
0.018 0.085
0.110
0.090
0.260
0.040
0.020
16.000
86
E
(8.128) (2.794) (0.076) (4.750) (0.457) (2.159) (2.794) (2.286) (6.604) (1.016) (0.508) (406.400)
—
77-061 0.320
0.110
0.003
0.187
0.018 0.085
0.110
0.090
0.260
0.040
0.020
16.000
86
B
(8.128) (2.794) (0.076) (4.750) (0.457) (2.159) (2.794) (2.286) (6.604) (1.016) (0.508) (406.400)
—
77-066 0.320
0.110
0.003
0.187
0.018 0.085
0.110
0.090
0.260
0.040
0.020
16.000
86
C
(8.128) (2.794) (0.076) (4.750) (0.457) (2.159) (2.794) (2.286) (6.604) (1.016) (0.508) (406.400)
—
VARIABLE SLOT MOUNT DIMENSIONS
H
Laird Technologies introduces Variable Slot Mount shielding, which eliminates
the use of long slots while still utilizing the easy installation method of slot
mount shielding. Fingers are removed from the strip in areas where a mounting
slot is not present. The Variable Slot Mount shielding strips can be customized
to any patterned series of slots.
• Easy and cost-effective installation since fasteners and adhesives are not required
• Improved shielding effectiveness compared to traditional slot mount series
through elimination of long slots in host material
• Slot mounting feature can be varied to accommodate different lengths
and hole mounting patterns (see figure 2)
• Three and five pitch segments ideal for grounding applications
• Bi-directional wiping and compression action to accommodate a wide
variety of designs
• Available in standard (77-Series) and UltraSoft® (78-Series low compression versions)
• Ability to retrofit equipment when higher clock speeds limit current slot
mount product without changing slot size or location
• One piece construction eliminates handling individual pieces, thereby shortening
installation time
• Ideal for grounding and shielding in the following electronic enclosure applications:
– Front panel handles
– Chassis covers
– Backplanes
– Plug-in units
– Subrack assemblies
Repeating Finger Pattern for 77-056 and 77-057
A
Repeating Finger Pattern for 77-090 and 77-061
B
Repeating Finger Pattern for 77-105, and 77-066
C
Repeating Finger Pattern for 77-106
D
Repeating Finger Pattern for 77-060 and 77-107
E
Full
Finger
Semi
Finger
77-057
77-066
77-060
77-056
FIGURE 1: REPEATING FINGER PATTERN
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com