Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 46 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 46 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 42Page - Laird Tech Smart Technology 97-252 Datasheet HTML 43Page - Laird Tech Smart Technology 97-252 Datasheet HTML 44Page - Laird Tech Smart Technology 97-252 Datasheet HTML 45Page - Laird Tech Smart Technology 97-252 Datasheet HTML 46Page - Laird Tech Smart Technology 97-252 Datasheet HTML 47Page - Laird Tech Smart Technology 97-252 Datasheet HTML 48Page - Laird Tech Smart Technology 97-252 Datasheet HTML 49Page - Laird Tech Smart Technology 97-252 Datasheet HTML 50Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
All dimensions shown are in inches (millimeters) unless otherwise specified.
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CONTACT RINGS
2.33
www.lairdtech.com
97-241
97-205
97-192
97-150 TO 156
0.040
(1.016)
0.050
(1.270)
Spher. R.
0.004
(0.102)
0.340
(8.636)
0.300
(7.620)
0.030
R.
(0.762)
0.090
R.
(2.286)
0.030
R.
(0.762)
0.030
R.
(0.762)
0.080 (2.032)
Sphere R.
0.080 (2.032)
Sphere R.
0.050
(1.270)
0.010
(0.254)
0.200
(5.080)
0.440
(11.176)
0.080 (2.032)
Sphere R.
0.080 (2.032)
Sphere R.
0.030
R.
(0.762)
0.030
R.
(0.762)
0.050 (1.270)
0.006
(0.153)
0.380
(9.652)
0.006
(0.153)
0.050
(1.270)
0.470
(11.938)
0.530
(13.462)
0.006
(0.153)
0.050
(1.270)
0.380
(9.652)
0.530
(13.462)
0.470
(11.938)
0.006
(0.153)
0.050
(1.270)
0.310
(7.874)
0.090
R.
(2.286)
0.050
(1.270)
0.310
(7.874)
0.010
(0.254)
0.090
(2.286)
0.660
(16.764)
0.780
(19.812)
MALE RINGS
CONTIPS® AVAILABLE
0.025
(0.635) Slot
0.075
(1.905) Pitch
B
I.D.
SERIES
PITCH
SLOT
ID
~~
REC.
B
MADE
# OF
HOLE
FROM
FINGERS
SIZE
STRIP
97-150
0.075
0.025
0.210
9
0.250
0.220
97-134
(1.905)
(0.635)
(5.334)
—
(6.350)
(5.588)
—
97-151
0.075
0.025
0.330
14
0.380
0.220
97-134
(1.905)
(0.635)
(8.382)
—
(9.652)
(5.588)
—
97-152
0.075
0.025
0.450
19
0.500
0.220
97-134
(1.905)
(0.635)
(11.430)
—
(12.700)
(5.588)
—
97-153
0.075
0.025
0.690
29
0.750
0.220
97-134
(1.905)
(0.635)
(17.526)
—
(19.050)
(5.588)
—
97-154
0.075
0.025
0.950
40
1.000
0.220
97-134
(1.905)
(0.635)
(24.130)
—
(25.400)
(5.588)
—
97-155
0.075
0.025
1.450
61
1.500
0.220
97-134
(1.905)
(0.635)
(36.830)
—
(38.100)
(5.588)
—
97-156
0.075
0.025
1.950
82
2.000
0.220
97-136
(1.905)
(0.635)
(49.530)
—
(50.800)
(5.588)
—
97-192
0.075
0.025
0.450
19
0.500
0.060
97-136
(1.905)
(0.635)
(11.430)
—
(12.700)
(1.524)
—
97-205
0.094
0.031
0.890
30
1.000
0.310
97-137
(2.388)
(0.787)
(22.606)
—
(25.400)
(7.874)
—
97-215
0.094
0.031
1.240
42
1.500
0.310
97-139
(2.388)
(0.787)
(31.496)
—
(38.100)
(7.874)
—
97-241
0.060
0.020
0.340
18
0.380
0.130
97-223
(1.524)
(0.508)
(8.636)
—
(9.652)
(3.302)
—
MALE RINGS
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
LOAD/DEFLECTION DATA
PART
SMALLEST
LARGEST
NO.
DEFLECTION
DEFLECTION
DEFLECTION LOAD
DEFLECTION
LOAD
DEFLECTION
LOAD DEFLECTION
LOAD
DEFLECTION
LOAD
INCHES
LB/FT
INCHES
LB/FT
INCHES
LB/FT
INCHES
LB/FT
INCHES
LB/FT
(MM)
(KG/M)
(MM)
(KG/M)
(MM)
(KG/M)
(MM)
(KG/M)
(MM)
(KG/M)
97-116
0.010
11
0.020
22
0.035
44
0.045
62
0.055
84
(0.254)
(16)
(0.508)
(33)
(0.889)
(65)
(1.143)
(92)
(1.397)
(125)
SAMPLE LOAD CHART FOR GROUNDING STRIPS
FINGERSTOCK LOAD DATA
Efficient enclosure design requires an understanding of the compression force
necessary to close gasketed joints. Toward this end, Laird Technologies has
developed the following charts indicating compression forces required to achieve
optimum gasket performance from each of our fingerstock gaskets. Loads are
expressed in “pounds per linear foot” (or as “kilograms per linear meter”).
Load Tests: Bare BeCu mated against mild steel having a ground surface,
roughness approx. 16 m in. (0.4 mm).
DEFINITIONS:
Largest opening is the height at which contact force is the minimum required
for reliable shielding performance.
Design height is the height which allows maximum deviation in both directions.
This is recommended in most cases.
Smallest opening is the smallest height which precludes damage to the gasket.
SHIELDING EFFECTIVENESS
Shielding effectiveness of fingerstock gaskets does not vary significantly with
compression. The graph below shows finger gaskets tested at five different
heights. Variation is only about 10 dB, which is typical of most fingerstock
gaskets. Compression of a finger gasket beyond “design height” does not
benefit performance, but can complicate enclosure design.
GROUNDING STRIPS
Some fingerstock products are used as grounding strips, or in other applications
carrying RF current. Because these products are basically flat, their loads are
expressed as a function of “deflection” rather than height.
Free Position
Deflection
Load
97-185
97-140 TO 143
97-215
0.160
(4.064)
PART NO. LARGEST OPENING
DESIGN HEIGHT
SMALLEST OPENING
HEIGHT
LOAD
HEIGHT
LOAD
HEIGHT
LOAD
HEIGHT
LOAD
HEIGHT
LOAD
INCHES
LB/FT
INCHES
LB/FT
INCHES
LB/FT
INCHES
LB/FT
INCHES
LB/FT
(MM)
(KG/M)
(MM)
(KG/M)
(MM)
(KG/M)
(MM)
(KG/M)
(MM)
(KG/M)
97-951
0.195
20
0.170
36
0.150
44
0.125
62
0.100
92
(4.953)
(30)
(4.318)
(53)
(3.810)
(65)
(3.175)
(92)
(2.540)
(137)
Load
Height
Free Position
120
110
100
90
80
70
60
50
0
10K
100K
1M
10M
100M
1G
Frequency (Hz)
Shielding Effectiveness vs. Compression
SAMPLE LOAD CHART FOR EMI GASKETS
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 2.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com