Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 34 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 34 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 30Page - Laird Tech Smart Technology 97-252 Datasheet HTML 31Page - Laird Tech Smart Technology 97-252 Datasheet HTML 32Page - Laird Tech Smart Technology 97-252 Datasheet HTML 33Page - Laird Tech Smart Technology 97-252 Datasheet HTML 34Page - Laird Tech Smart Technology 97-252 Datasheet HTML 35Page - Laird Tech Smart Technology 97-252 Datasheet HTML 36Page - Laird Tech Smart Technology 97-252 Datasheet HTML 37Page - Laird Tech Smart Technology 97-252 Datasheet HTML 38Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
COMPRESSION FORCE COMPARISON
Standard No. 97-541
UltraSoft No. 98-541
Height (Millimeters)
100
90
80
70
60
50
40
30
20
10
0
140
120
100
80
60
40
20
0
0.040
0.050
0.060
0.070
0.080
0.090
0.100
0.110
0.120
1.500
2.000
2.500
3.000
Height (Inches)
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
LONGITUDINAL GROUNDING SERIES
2.21
www.lairdtech.com
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
ULTRASOFT® GASKET SERIES
All dimensions shown are in inches (millimeters) unless otherwise specified.
This series of beryllium copper strips combines finger compression with the
direction of motion in the longitudinal axis.
• Ideal for use with rack-mounted and slide drawer assemblies
• Provides reliable and complete grounds
• Typical installation methods include hardware mounting or use of the
Sticky Fingers
® self-adhesive strip
• In standard finishes, see page 1-11
• For load/deflection data, see page 2-33
Available in UltraSoft
® low compression verson (98-975).
0.300 Ref.
(7.620)
Smallest
Opening
0.070
(1.778)
0.005
(0.127)
0.050
(1.270)
0.210
(5.334)
0.210
(5.334)
Double
Adhesive
Tape
1.250
(31.750)
0.110 Dia.
(2.794 Dia.)
0.600 Ref
(15.240)
0.100 typ
(2.540 typ)
1.250
(31.750)
0.800
(20.320)
0.380
(9.652)
Initial Compression
Against this Side
SERIES 97-975
Approx. Length 18.750 (476.250)
97-975
FOLDOVER SERIES
Standard No. 97-541
UltraSoft No. 98-541
SHIELDING EFFECTIVENESS COMPARISON
Most standard profiles shown on preceding pages
are available in
98-Series.
®
Frequency (Hz)
10K
100K
1M
10M
100M
1G
160
140
120
100
80
60
40
20
0
UltraSoft® fingers have been designed for communications, computers and
electronic systems designers concerned with EMI compliance and lightweight
enclosure designs. Available in the same full range of standard configurations,
UltraSoft fingers offer designers greater flexibility and versatility than ever
before—permitting more extensive use of lighter, thinner construction materials
to help cut costs and/or enhance system performance.
The unique advantages of UltraSoft (98-Series) fingers include:
• The lowest compression forces in the industry
• Increased life cycle
• Shielding effectiveness comparable to similarly configured standard
97-Series parts
• Wide selection of sizes and configurations
• Low compression force version available for virtually every standard
shielding product
UltraSoft (98-Series) products are available in the same lengths as the standard
(97-Series) products. Please refer to the appropriate standard product pages
for specific information. All UltraSoft products are also available in your
choice of finishes, see page 1-11. For load/deflection data, see page 2-33.
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com