Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 19 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 19 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 15Page - Laird Tech Smart Technology 97-252 Datasheet HTML 16Page - Laird Tech Smart Technology 97-252 Datasheet HTML 17Page - Laird Tech Smart Technology 97-252 Datasheet HTML 18Page - Laird Tech Smart Technology 97-252 Datasheet HTML 19Page - Laird Tech Smart Technology 97-252 Datasheet HTML 20Page - Laird Tech Smart Technology 97-252 Datasheet HTML 21Page - Laird Tech Smart Technology 97-252 Datasheet HTML 22Page - Laird Tech Smart Technology 97-252 Datasheet HTML 23Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
NO SNAG GASKET
2.6
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
TOP VIEW
Length
E
Slot
D Pitch
Laird Technologies No Snag Series shielding gaskets offer the designer a low
compression, no snag design. Provided with Sticky Fingers
® self-adhesive tape,
these beryllium copper shielding gaskets provide easy and secure mounting.
• Shielding effectiveness of > 100 db (77-012) and 80 dB (77-014)
for a 100 MHz plane wave
• Easy, cost-effective installation since fasteners are not required
• Ideal as an all-purpose contact strip for metal cabinets and electronic
enclosures
• Available in a wide variety of plated finishes, see page 1-11
• Supplied in standard 24.000 in. (609.600 mm) lengths or other specified lengths
For load/deflection data, see page 2-33.
SERIES
A
B
C
D
E
H
M
APPROX.
RADIUS
LENGTH
77-012
0.320
0.110
0.002
0.187
0.018
0.210
0.110
24.000
(8.128)
(2.794)
(0.051)
(4.750)
(0.457)
(5.334)
(2.794)
(609.600)
* 77-014
0.600
0.220
0.004
0.375
0.032
0.280
0.180
24.000
(15.240)
(5.588)
(0.102)
(9.525)
(0.813)
(7.112)
(4.572)
(609.600)
77-033
0.370
0.130
0.002
0.250
0.025
0.210
0.110
16.000
(9.398)
(3.302)
(0.051)
(6.350)
(0.635)
(5.334)
(2.794)
(406.400)
* 77-078
0.800
0.320
0.004
0.375
0.032
0.440
0.190
24.000
(20.320)
(8.128)
(0.102)
(9.525)
(0.813)
(11.176)
(4.826)
(609.600)
* 77-079
0.320
0.100
0.035
0.156
0.018
0.210
0.100
16.000
(8.128)
(2.540)
(0.889)
(3.962)
(0.457)
(5.334)
(2.540)
(406.400)
77-081
0.280
0.110
0.002
0.187
0.018
0.180
0.100
24.000
(7.112)
(2.794)
(0.051)
(4.750)
(0.457)
(4.572)
(2.540)
(609.600)
* 77-082
1.100
0.400
0.005
0.500
0.040
0.780
0.420
24.000
(27.940)
(10.160)
(0.127)
(12.700)
(1.016)
(19.812)
(10.668)
(609.600)
* 77-083
0.370
0.130
0.004
0.125
0.025
0.100
0.202
16.000
(9.398)
(3.302)
(0.102)
(3.175)
(0.635)
(2.540)
(5.131)
(406.400)
* 77-084
0.370
0.130
0.004
0.250
0.025
0.100
0.202
16.000
(9.398)
(3.302)
(0.102)
(6.350)
(0.635)
(2.540)
(5.131)
(406.400)
* 77-085
0.600
0.220
0.004
0.375
0.032
0.150
0.295
18.000
(15.240)
(5.588)
(0.102)
(9.525)
(0.813)
(3.810)
(7.493)
(457.200)
* 77-086
0.320
0.090
0.003
0.187
0.018
0.210
0.100
16.000
(8.128)
(2.286)
(0.762)
(4.750)
(0.457)
(5.334)
(2.540)
(406.400)
* 77-091
0.600
0.220
0.004
0.375
0.032
0.780
0.150
18.000
(15.240)
(5.588)
(0.102)
(9.525)
(0.813)
(19.812)
(3.810)
(457.200)
* 77-092
0.600
0.220
0.004
0.187
0.032
0.295
0.150
18.000
(15.240)
(5.588)
(0.102)
(4.750)
(0.813)
(7.493)
(3.810)
(457.200)
NO SNAG GASKET DIMENSIONS
SIDE VIEW
77-012/014/033/078/081/082
B
Double
Adhesive
Transfer
Tape
A
H
M
C
SIDE VIEW
77-079/083/084/085/086/091/092
B
Double
Adhesive
Transfer
Tape
A
H
M
C
Part No. 77-079, 83, 84, 85, 86, 91, 92
Part No. 77-012, 14, 33, 78, 81, 82
* Available in UltraSoft® low compeession version as -78.
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com