Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 31 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 31 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 27Page - Laird Tech Smart Technology 97-252 Datasheet HTML 28Page - Laird Tech Smart Technology 97-252 Datasheet HTML 29Page - Laird Tech Smart Technology 97-252 Datasheet HTML 30Page - Laird Tech Smart Technology 97-252 Datasheet HTML 31Page - Laird Tech Smart Technology 97-252 Datasheet HTML 32Page - Laird Tech Smart Technology 97-252 Datasheet HTML 33Page - Laird Tech Smart Technology 97-252 Datasheet HTML 34Page - Laird Tech Smart Technology 97-252 Datasheet HTML 35Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
DIVIDER EDGE SHIELDING
2.18
www.lairdtech.com
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CARD GUIDE CLIP-ON
All dimensions shown are in inches (millimeters) unless otherwise specified.
Laird Technologies offers the Divider Edge Shield, the latest addition to its
line of longitudinal shielding and grounding products. The Divider Edge Shield
is designed to accommodate the industry’s trend toward miniaturization and
reduced compression forces.
• Designed to be applied to the top edge of multi-compartmental castings
with wall thickness from 0.035 in. (0.889 mm) to 0.055 in. (1.397 mm)
• Clip-on design allows for easy installation and secure retention
• Unique finger design provides extremely low compression force
• Excellent shielding and grounding properties
• Provided in standard 12.000 in. (304.800 mm) lengths, or easily cut to
your desired length. Longer lengths available upon request.
• 97-654 is available with “D” Lance option
Shielding Effectiveness
Transfer Impedance Test 97-654
Frequency (Hz)
10K
100K
1M
10M
100M
1G
160
140
120
100
80
60
40
20
0
97-972
97-973
0.008
(0.203)
0.183 (4.648)
0.035
(0.889)
0.020
(0.508)
0.030
(0.762)
0.208
(5.283)
0.030 (0.762)
97-654 [D-LANCE OPTION]
0.020 (0.508) Slot
A
A
0.045 (1.143)
0.063 (1.600)
0.060 (1.524)
0.062 (1.575)
0.055 (1.397)
20°
0.052
(1.321)
0.030
(0.762)
0.120
(3.048)
0.157 Pitch
(3.988)
FRONT VIEW
SIDE VIEW
0.300 Pitch
(7.620)
0.064
(1.626)
0.115
(2.921)
97-972
97-654
0.054
(1.372)
0.049 (1.245)
0.207 (5.258)
6.6°
0.080
(2.032)
0.055
(1.397)
0.050 (1.270)
0.076
(1.930)
0.100
(2.540)
0.175
(4.445)
0.375
(9.525)
0.194
(4.928)
0.062
(1.575)
0.086
(2.184)
Holes
0.050 x 45°
(1.270)
Cham Typ 2
(Back Side)
97-983
Laird Technologies introduces the Card Guide Clip-On, which offers excellent
grounding contact from the PC board to a card guide on a rack. The unique
snap-in feature of the contact finger prevents any potential snagging. This
allows for bi-directional sliding contact. The Card Guide Clip-On gasket installs
to the edge of the board and makes contact with ground trace on the card.
The card then slides into the card guide on the rack. Low compression forces
allow for easy installation of the card.
• Easily installs onto PC board
• Provides for bi-directional wiping that eliminates snagging
• Ideal, inexpensive solution for grounding applications
• High-performance beryllium copper can be plated with a wide
variety of finishes for galvanic compatibility, see page 1-11
• Designed for board thicknesses of 0.085 in. to 0.100 in.
(2.159 mm to 2.540 mm)
• Design capabilities available to handle other board thicknesses and custom
applications
• 97-983 is available with “D” Lance option
Compression Deflection Part No: 97-973-17
0.6
0.5
0.4
0.3
0.2
0.1
0.0
0.25
0.20
0.15
0.10
0.05
0.00
Compression
% Deflection
➛
0
5
10
15
20
25
30
35
40
45
50
55
60
VIEW A-A
34°
0.060 (1.524)
0.115 (2.921)
0.120 (3.048)
0.090 (2.286)
0.077 (1.956)
0.360 (9.144)
0.375 (9.525)
0.173 (4.394)
97-973
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com