Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 26 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 26 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 22Page - Laird Tech Smart Technology 97-252 Datasheet HTML 23Page - Laird Tech Smart Technology 97-252 Datasheet HTML 24Page - Laird Tech Smart Technology 97-252 Datasheet HTML 25Page - Laird Tech Smart Technology 97-252 Datasheet HTML 26Page - Laird Tech Smart Technology 97-252 Datasheet HTML 27Page - Laird Tech Smart Technology 97-252 Datasheet HTML 28Page - Laird Tech Smart Technology 97-252 Datasheet HTML 29Page - Laird Tech Smart Technology 97-252 Datasheet HTML 30Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
LOW PROFILE HOOK-ON GASKET
2.13
www.lairdtech.com
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
LOW PROFILE GASKET
All dimensions shown are in inches (millimeters) unless otherwise specified.
Laird Technologies offers its line of low profile beryllium copper shielding
fingerstock. Simple installation is accomplished by hooking one end of
the gasket onto the edge of the housing. The other end is secured with
pressure sensitive adhesive (PSA) with extra-wide release liner and designed
with a teardrop feature to improve surface contact. Ideally suited for low
profile, bi-directional applications such as the rack mounting of linecards in
telecommunications equipment. The gaskets offer high shielding performance
in applications where space may be limited.
• Dual attachment provides a no snag gasket with secure retention, which
allows bi-directional wiping action
• Incorporates extra wide release liner to facilitate easy installation
• Wide variety of plating finishes are available to meet your galvanic
compatibility requirements
• Offered in standard lengths of 16.200 in. (411.480 mm) or cut to your
desired length
• Available in UltraSoft
® (-78) low force version
• Extra wide release liner of pressure sensitive tape provides for easy,
cost-effective installation
• Low compression force
• Available in a wide variety of plated finishes to meet your galvanic
compatibility needs
• Available in UltraSoft (-78) low force version
• Offered in standard lengths of 16.000 in. (406.400 mm), or cut to your
desired length
Approximate Length
E
A
D
B
C
M
H
P
Shielding Effectiveness Per MIL-STD-285 (Mod.)
(60% Compression)
1000
10000
Frequency (MHz)
130
120
110
100
90
80
70
60
50
40
30
20
10
0
77-71
77-72
FIGURE 1
77-071/77-072
Double
Adhesive
Transfer
Tape
Transfer Impedance Per SAE ARP 1705
P/N 0077-0043-02
I
I 25% Compression
140
120
100
80
60
40
20
0
10
100
1
10
100
500
700
1
kHz
kHz
MHz
MHz
MHz
MHz
MHz
GHz
77-043
SERIES
A
B
C
D
E
H
M
P
APPROX. NO. OF
LENGTH FINGERS
77-071
0.450
0.060
0.004
0.125
0.018
0.267
0.200
0.062
16.200
130
(11.430)
(1.524)
(0.102)
(3.175)
(0.457)
(6.782)
(5.080)
(1.575)
(411.480)
77-072
0.600
0.090
0.004
0.125
0.018
0.329
0.200
0.062
16.200
130
(15.240)
(2.286)
(0.102)
(3.175)
(0.457)
(8.357)
(5.080)
(1.575)
(411.480)
DIMENSIONS
SERIES
A
B
C
D
77-043
0.450
0.080
0.121
0.262
(11.430)
(2.032)
(3.073)
(6.665)
77-049
0.600
0.120
0.162
0.347
(15.240)
(3.048)
(4.115)
(8.814)
LOW PROFILE SERIES
Laird Technologies offers its line of low profile beryllium copper shielding
fingerstock. The gaskets are provided with pressure sensitive adhesive tape
with an extra wide release liner to facilitate secure placement and ease
of application.
• Ideally suited for limited space applications as low as 0.060 in. (1.524 mm)
• Works well in both compression and bi-directional applications
• High shielding effectiveness; average 90dB from 10 kHz to 1GHz
Compression Deflection
Part #0077-0043-02
Low Profile Gasket
70
60
50
40
30
20
10
0
0
1020304050
60
100
80
60
40
20
0
16.000
(406.400)
0.125 Pitch (3.175)
0.018 Slot (0.457)
B
C
D
0.0035
(0.089)
A
77-043/77-049
Double Adhesive
Transfer Tape with
Extra Wide Liner
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com