Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 35 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 35 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 31Page - Laird Tech Smart Technology 97-252 Datasheet HTML 32Page - Laird Tech Smart Technology 97-252 Datasheet HTML 33Page - Laird Tech Smart Technology 97-252 Datasheet HTML 34Page - Laird Tech Smart Technology 97-252 Datasheet HTML 35Page - Laird Tech Smart Technology 97-252 Datasheet HTML 36Page - Laird Tech Smart Technology 97-252 Datasheet HTML 37Page - Laird Tech Smart Technology 97-252 Datasheet HTML 38Page - Laird Tech Smart Technology 97-252 Datasheet HTML 39Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
BATTERY CONTACTS
2.22
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
Laird Technologies announces the addition of a battery contact product line. These
high-performance battery contacts are suitable for coin battery applications,
battery pack contact applications and AA/AAA battery applications.
Supplied in heat treated beryllium copper, the contacts offer superb contact
force and a large compression range. Heat treatment of beryllium copper
significantly reduces the material’s internal stress, thereby allowing a wide range
of compression to accommodate variations in battery size and placement.
• All contacts are surface mounted and require solder pads, except for 97-490
which is thru-pin mounted and requires mount holes
• Available in tape and reel packaging for high volume pick-and-place assembly
• Available in a variety of plated finishes for galvanic compatibility
• Custom designs can be developed by calling our application engineers
Force vs. Deflection
Part No: 97-487
Deflection (mm)
0.15
0.10
0.05
0.00
60
50
40
30
20
10
0
Deflection (in.)
0.00
0.25
0.50
0.75
1.00
0.000
0.010
0.020
0.030
0.040
Force vs. Deflection
Part No: 97-488
Deflection (mm)
0.10
0.08
0.06
0.04
0.02
0.00
40
30
20
10
0
Deflection (in.)
0.00
0.25
0.50
0.75
1.00
0.000
0.010
0.020
0.030
0.040
0.084
(2.133)
0.018
(0.457)
0.035
(0.889)
Maximum Deflection
0.025 (0.635)
Recommended Deflection
0.035
(0.889)
0.116
(2.946)
0.200
(5.080)
97-487 TOP VIEW
0.067
(1.702)
0.147
(3.733)
0.236
(5.994)
0.050
(1.270)
0.290
(7.366)
0.035 (0.889)
Maximum Deflection
0.025 (0.635)
Recommended Deflection
97-488 SIDE VIEW
0.050
(1.270)
0.120
(3.048)
0.150
(3.810)
0.265
(6.731)
97-487/97-488 COIN BATTERY APPLICATIONS
SIDE VIEW
TOP VIEW
97-487/488 COIN BATTERY APPLICATIONS
These contacts are surface mount soldered to a PC board. Separately mounted
contacts can be positioned to accommodate a wide range of battery sizes.
The coin battery is captivated by the device housing and held in contact.
These contacts are provided with gold plating as standard.
Typical applications for the 97-487/488 contacts are low powered portable
devices, such as pocket organizers, portable medical devices and any device
that uses coin batteries.
97-489 BATTERY PACK CONTACTS
These contacts are soldered onto a PC board and protrude through cutouts
in a plastic housing. Contact is made as the prismatic battery pack mates
with the housing and pushes the contacts back into the cutouts.
The contacts are provided with nickel plating as standard. Gold plating
is available.
Typical applications for the 97-489 contacts are portable devices with removable
battery packs, such as video cameras, radios, power tools, etc.
97-490 AA/AAA BATTERY CONTACT APPLICATIONS
These contacts mount onto a PC board and protrude into a cutout at the
end of a battery well. Backup ribs must be provided in the plastic molding.
The contacts are provided with nickel plating as standard. Gold plating is
optionally available.
Built-in stop protects over-compression damage. Applications would include
any device using AA or AAA batteries, particularly devices with high mechanical
and electrical performance such as medical, GPS and surveying instruments.
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 2.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com