Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 53 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 53 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 49Page - Laird Tech Smart Technology 97-252 Datasheet HTML 50Page - Laird Tech Smart Technology 97-252 Datasheet HTML 51Page - Laird Tech Smart Technology 97-252 Datasheet HTML 52Page - Laird Tech Smart Technology 97-252 Datasheet HTML 53Page - Laird Tech Smart Technology 97-252 Datasheet HTML 54Page - Laird Tech Smart Technology 97-252 Datasheet HTML 55Page - Laird Tech Smart Technology 97-252 Datasheet HTML 56Page - Laird Tech Smart Technology 97-252 Datasheet HTML 57Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
SHIELDING EFFECTIVENESS CHARTS
2.40
www.lairdtech.com
TWIST SERIES PART NO. 0097-0560-XX
TABLE 1. MIL-DTL-83528* RADIATED SHIELDING EFFECTIVENESS (dB)
* Fixture design (clamping vs. bolt configuration)
** Projected H-Field data
FREQUENCY
-02 (CU)
-08 (SN)
MAGNETIC
9 kHz
13
13
100 kHz
48
52
**1 MHz
83
91
**10 MHz
118
130
PLANE WAVE
200 MHz
115
113
1 GHz
127
124
10 GHz
85
66
18 GHz
80
79
TABLE 2. SAE ARP 1705 TRANSFER IMPEDANCE
SHIELDING EFFECTIVENESS (dB)
FREQUENCY
-02 (CU)
-08 (SN)
10 kHz
101
102
100 kHz
124
125
1 MHz
130
129
10 MHz
120
119
100 MHz
110
108
1 GHz
88
87
FOLDOVER SERIES PART NO. 0097-0515-XX
TABLE 1. MIL-DTL-83528* RADIATED SHIELDING EFFECTIVENESS (dB)
* Fixture design (clamping vs. bolt configuration)
** Projected H-Field data
FREQUENCY
-02 (CU)
-08 (SN)
MAGNETIC
9 kHz
7
7
100 kHz
43
46
**1 MHz
79
84
**10 MHz
114
122
PLANE WAVE
200 MHz
115
116
1 GHz
126
126
10 GHz
84
92
18 GHz
82
53
TABLE 2. SAE ARP 1705 TRANSFER IMPEDANCE
SHIELDING EFFECTIVENESS (dB)
FREQUENCY
-02 (CU)
-08 (SN)
10 kHz
97
98
100 kHz
122
121
1 MHz
128
131
10 MHz
121
120
100 MHz
111
110
1 GHz
93
93
-02 (Cu)
-08 (Sn)
140
120
100
80
60
40
20
0
9 kHz
1 MHz
1 GHz
18 GHz
100 kHz
10 MHz
200 MHz
10 GHz
Frequency
RADIATED
PART NO. 0097-0560-XX
-02 (Cu)
-08 (Sn)
140
120
100
80
60
40
20
10 kHz
1 MHz
100 MHz
100 kHz
10 MHz
1 GHz
Frequency
TRANSFER IMPEDANCE
PART NO. 0097-0560-XX
-02 (Cu)
-17 (Sn)
140
120
100
80
60
40
20
0
9 kHz
1 MHz
1 GHz
18 GHz
100 kHz
10 MHz
200 MHz
10 GHz
Frequency
RADIATED
PART NO. 0097-0515-XX
-02 (Cu)
-17 (Sn)
140
120
100
80
60
40
20
10 kHz
1 MHz
100 MHz
100 kHz
10 MHz
1 GHz
Frequency
TRANSFER IMPEDANCE
PART NO. 0097-0515-XX
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 2.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com