Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 60 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 60 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 56Page - Laird Tech Smart Technology 97-252 Datasheet HTML 57Page - Laird Tech Smart Technology 97-252 Datasheet HTML 58Page - Laird Tech Smart Technology 97-252 Datasheet HTML 59Page - Laird Tech Smart Technology 97-252 Datasheet HTML 60Page - Laird Tech Smart Technology 97-252 Datasheet HTML 61Page - Laird Tech Smart Technology 97-252 Datasheet HTML 62Page - Laird Tech Smart Technology 97-252 Datasheet HTML 63Page - Laird Tech Smart Technology 97-252 Datasheet HTML 64Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
CONTACTS
STANDARD DESIGN CONTACTS
4.2
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
Material properties are for reference only. Product testing by purchaser is recommended to confirm.
Laird Technologies assumes no liability for product failure unless specifically stated in writing.
STANDARD PRECISION ELECTRONIC CONTACTS
Laird Technologies’ standard precision electronic contacts ground, carry current
and signals, and interconnect boards and devices. We offer a wide choice of
plating options to allow for the maximum electrical current carrying performance.
We have a wide array of designs in standard format that are ready for production.
Installed costs are lowered with our tape and reel packaging format.
TYP 1.270
(32.258)
3.100
(78.740)
TYP 17°
3.110
(78.994)
2.030 TYP
(51.562)
RO 0.430 TYP
(10.922)
TYP RO 0.190
(4.826)
TYP 0.510
(12.954)
2.460
(62.484)
2.440
(61.976)
1.780
(45.212)
1.450
(36.830)
0.050
(1.270)
1.500
(38.100)
RO 0.100
(2.540) TYP
INSIDE
1.000
(25.400)
2.300
(58.420)
3.200
(81.280)
1.400
(35.560)
2.300
(58.420)
3.300
(83.820)
RO.55X2
INSIDE
5.970
(151.638)
5.180
(131.572)
30°
2.080
(52.832)
4.310
(109.474)
1.520
(38.608)
5.180
(131.572)
R 0.740
(18.796)
3.810
(96.774)
RO 0.300
(7.620)
1.270
(32.258)
A
B
AB
*
1
1.8
2.5
2
5.0
15.0
3
4.0
8.0
CONTACTS
MATERIAL
AVAILABLE
TYPICAL
PARTS
PLATINGS
APPLICATIONS
PER REEL
BMIC-001
0.100 mm BeCu
Nickel, tin, gold
Grounding, energy carrying
3000
BMIC-004
0.100 mm BeCu
Nickel, gold
Grounding, energy carrying
1400
BMIC-007-01
0.130 mm BeCu
Copper, tin
Grounding, energy carrying
2300
BMIC-010-*
0.200 mm Spring Steel
Tin
Standoff, support
3500
STANDARD PRECISION ELECTRONIC CONTACTS MATERIAL VARIATIONS
CONTACTS
MATERIAL
AVAILABLE
TYPICAL
PARTS
PLATINGS
APPLICATIONS
PER REEL
BMIC-001
0.100 mm BeCu
Nickel, tin, gold
Grounding, energy carrying
3000
PART NO. BMIC-001
CONTACTS
MATERIAL
AVAILABLE
TYPICAL
PARTS
PLATINGS
APPLICATIONS
PER REEL
BMIC-004
0.100 mm BeCu
Nickel, gold
Grounding, energy carrying
1400
PART NO. BMIC-004
CONTACTS
MATERIAL
AVAILABLE
TYPICAL
PARTS
PLATINGS
APPLICATIONS
PER REEL
BMIC-007-01
0.130 mm BeCu
Copper, tin
Grounding, energy carrying
2300
PART NO. BMIC-007-01
CONTACTS
MATERIAL
AVAILABLE
TYPICAL
PARTS
PLATINGS
APPLICATIONS
PER REEL
BMIC-010-*
0.200 mm Spring Steel
Tin
Standoff, support
3500
PART NO. BMIC-010-*
SIDE VIEW
FRONT VIEW
SIDE VIEW
FRONT VIEW
SIDE VIEW
FRONT VIEW
RIGHT SIDE VIEW
TOP VIEW
FRONT VIEW
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com