Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 8 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 8 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 4Page - Laird Tech Smart Technology 97-252 Datasheet HTML 5Page - Laird Tech Smart Technology 97-252 Datasheet HTML 6Page - Laird Tech Smart Technology 97-252 Datasheet HTML 7Page - Laird Tech Smart Technology 97-252 Datasheet HTML 8Page - Laird Tech Smart Technology 97-252 Datasheet HTML 9Page - Laird Tech Smart Technology 97-252 Datasheet HTML 10Page - Laird Tech Smart Technology 97-252 Datasheet HTML 11Page - Laird Tech Smart Technology 97-252 Datasheet HTML 12Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
1.6
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
PART NUMBER CROSS REFERENCE
#
PART NO.
PRODUCT
SIZE
PAGE NO.
97-134
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-30, 2-31
97-135
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-29
97-136
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-30, 2-31
97-137
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-30, 2-31
97-139
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-30, 2-31
97-140
FEMALE CONTACT RING
O.D. 0.290 (7.366)
Page 2-32
97-141
FEMALE CONTACT RING
O.D. 0.440 (11.176)
Page 2-32
97-142
FEMALE CONTACT RING
O.D. 0.550 (13.970)
Page 2-32
97-143
FEMALE CONTACT RING
O.D. 0.800 (20.320)
Page 2-32
97-150
MALE CONTACT RING
I.D. 0.210 (5.334)
Page 2-33
97-151
MALE CONTACT RING
I.D. 0.330 (8.382)
Page 2-33
97-152
MALE CONTACT RING
I.D. 0.450 (11.430)
Page 2-33
97-153
MALE CONTACT RING
I.D. 0.690 (17.526)
Page 2-33
97-154
MALE CONTACT RING
I.D. 0.950 (24.130)
Page 2-33
97-155
MALE CONTACT RING
I.D. 1.450 (36.830)
Page 2-33
97-156
MALE CONTACT RING
I.D. 1.950 (49.530)
Page 2-33
97-185
FEMALE CONTACT RING
O.D. 0.560 (14.224)
Page 2-32
97-192
MALE CONTACT RING
I.D. 0.450 (11.430)
Page 2-33
97-204
FEMALE CONTACT RING
O.D. 1.040 (26.416)
Page 2-32
97-205
MALE CONTACT RING
I.D. 0.890 (22.606)
Page 2-33
97-210
CONTACT STRIPS
12 (304.800) LENGTH
Page 2-31
97-211
CONTACT STRIPS
12 (304.800) LENGTH
Page 2-31
97-215
MALE CONTACT RING
I.D. 1.240 (31.496)
Page 2-33
97-216
FEMALE CONTACT RING
O.D. 1.240 (31.496)
Page 2-32
97-221
CONTACT STRIPS
12 (304.800) LENGTH
Page 2-29
97-223
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-30, 2-31
97-232
FEMALE CONTACT RING
O.D. 0.540 (13.716)
Page 2-32
97-241
MALE CONTACT RING
I.D. 0.340 (8.636)
Page 2-33
97-251
CONTACT STRIPS
12 (304.800) LENGTH
Page 2-29
97-252
FEMALE CONTACT RING
O.D. 1.250 (31.750)
Page 2-32
97-254
FEMALE CONTACT RING
O.D. 0.910 (23.114)
Page 2-32
97-255
FEMALE CONTACT RING
O.D. 0.650 (16.510)
Page 2-32
97-290
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-30, 2-31
97-300
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-28, 2-29
97-310
CONTACT STRIPS
15 (381.000) LENGTH
Page 2-29
97-313
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-29
97-320
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-30, 2-31
97-330
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-30, 2-31
97-340
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-29
97-360
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-30, 2-31
97-361
FEMALE CONTACT RING
O.D. 1.010 (25.654)
Page 2-32
97-370
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-31
97-380
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-30, 2-31
97-381
FEMALE CONTACT RING
O.D. 1.210 (30.734)
Page 2-32
97-390
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-29
97-410
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-30, 2-31
97-420
FEMALE CONTACT RING
O.D. 0.500 (12.700)
Page 2-32
97-421
FEMALE CONTACT RING
O.D. 0.500 (12.700)
Page 2-32
97-422
FEMALE CONTACT RING
O.D. 0.600 (15.240)
Page 2-32
97-423
FEMALE CONTACT RING
O.D. 0.780 (19.812 )
Page 2-32
97-424
FEMALE CONTACT RING
O.D. 1.050 (26.670 )
Page 2-32
97-430
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-31
97-436
DOUBLE-SIDED CONTACT STRIPS
25' (7.6 m) COILS
Page 2-14
97-438
LARGE ENCLOSURE SERIES
25' (7.6 m) COILS
Page 2-14
97-440
LARGE ENCLOSURE SERIES
25' (7.6 m) COILS
Page 2-14
97-445
QUICK SPRING CLIP FASTENER
Page 2-14
97-487
BATTERY CONTACTS
Page 2-22
97-488
BATTERY CONTACTS
Page 2-22
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com