Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 44 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 44 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 40Page - Laird Tech Smart Technology 97-252 Datasheet HTML 41Page - Laird Tech Smart Technology 97-252 Datasheet HTML 42Page - Laird Tech Smart Technology 97-252 Datasheet HTML 43Page - Laird Tech Smart Technology 97-252 Datasheet HTML 44Page - Laird Tech Smart Technology 97-252 Datasheet HTML 45Page - Laird Tech Smart Technology 97-252 Datasheet HTML 46Page - Laird Tech Smart Technology 97-252 Datasheet HTML 47Page - Laird Tech Smart Technology 97-252 Datasheet HTML 48Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CONTACT STRIPS
2.31
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
97-210
97-211
97-430
97-370
30°
0.160
(4.064)
0.062
(1.575)
0.250
(6.350)
0.040 Ref.
(1.016)
0.050 Ref.
(1.270)
0.020 Ref.
(0.508)
0.004
(0.102)
0.060
(1.524)
0.020
(0.508)
0.012
(0.305)
0.050 Pitch
(1.270)
0.310
(7.874)
0.120
(3.048)
0.020
(0.508)
0.100 Pitch
(2.540)
0.310
(7.874)
0.190 Flat
(4.826)
0.020 R.
(0.508)
0.060
(1.524)
0.004
(0.102)
0.095
(2.413)
0.095 Pitch
(2.413)
0.154 Pitch
(3.912)
0.130 Spher R.
(3.302)
0.030 Slot
(0.762)
0.059 Slot
(1.497)
0.360
(9.144)
0.640
(16.256)
0.550
(14.000)
0.010
(0.254)
0.010
(0.254)
0.040
(1.016)
0.005
(0.127)
L
L
L
L
SERIES
FIG.
PITCH
SLOT
B
APPROX.
APPROX. NO.
LENGTH (L)
OF FINGERS
97-134
H
0.075
0.025
0.220
16.000
213
(1.905)
(0.635)
(5.588)
(406.400)
97-136
H
0.075
0.025
0.060
16.000
213
(1.905)
(0.635)
(1.524)
(406.400)
97-137
H
0.094
0.031
0.310
16.000
170
(2.388)
(0.787)
(7.874)
(406.400)
97-139
I
0.094
0.031
0.310
16.000
170
(2.388)
(0.787)
(7.874)
(406.400)
97-210
L
0.050
0.012
0.120
12.000
240
(1.270)
(0.305)
(3.048)
(304.800)
97-211
L
0.100
0.062
0.120
12.000
120
(2.540)
(1.575)
(3.048)
(304.800)
97-223
H
0.060
0.020
0.130
16.000
267
(1.524)
(0.508)
(3.302)
(406.400)
FLAT STRIP
SERIES
FIG.
PITCH
SLOT
B
APPROX.
APPROX. NO.
LENGTH (L)
OF FINGERS
97-290
H
0.075
0.025
0.690
16.000
213
(1.905)
(0.635)
(17.526)
(406.400)
97-320
F
0.172
0.047
0.380
16.000
93
(4.369)
(1.194)
(9.652)
(406.400)
97-330
G
0.075
0.025
-
16.000
213
(1.905)
(0.635)
-
(406.400)
97-360
I
0.075
0.025
0.220
16.000
213
(1.905)
(0.635)
(5.588)
(406.400)
97-370
J
0.095
0.030
-
16.000
168
(2.413)
(0.762)
-
(406.400)
97-380
I
0.060
0.020
0.130
16.000
267
(1.524)
(0.508)
(3.302)
(406.400)
97-410
F
0.157
0.040
0.340
16.000
102
(3.988)
(1.016)
(8.636)
(406.400)
97-430
K
0.154
0.059
0.250
16.000
104
(3.912)
(1.499)
(6.350)
(406.400)
FIGURE J
^ Not available
with Contips
®
FIGURE K
FIGURE L
^ Contips available
^ Contips available
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 2.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com