Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 43 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 43 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 39Page - Laird Tech Smart Technology 97-252 Datasheet HTML 40Page - Laird Tech Smart Technology 97-252 Datasheet HTML 41Page - Laird Tech Smart Technology 97-252 Datasheet HTML 42Page - Laird Tech Smart Technology 97-252 Datasheet HTML 43Page - Laird Tech Smart Technology 97-252 Datasheet HTML 44Page - Laird Tech Smart Technology 97-252 Datasheet HTML 45Page - Laird Tech Smart Technology 97-252 Datasheet HTML 46Page - Laird Tech Smart Technology 97-252 Datasheet HTML 47Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CONTACT STRIPS
2.30
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
97-330
97-223
97-136
97-134
97-137
97-290
97-320
97-410
97-380
97-360
97-139
0.120
(3.048)
0.010
(0.254)
0.660
(16.764)
0.110
(2.794)
0.220
(5.588)
0.040
(1.016)
0.004
(0.102)
0.030
(0.762)
0.004 (0.102)
0.090
(2.286)
0.020 R.
(0.508)
0.190
(4.826)
0.090
(2.286)
0.030
(0.762)
0.006
(0.154)
0.160
(4.064)
0.010
(0.254)
0.440
(11.176)
0.030 R.
(0.762)
0.200
(5.080)
0.090 R.
(2.286)
0.030 R.
(0.762)
0.170
(4.318)
0.270
(6.858)
0.300
(7.620)
0.340
(8.636)
0.050
(1.270)
0.006
(0.152)
0.310
(7.874)
0.380
(9.652)
0.050
(1.270)
0.006
(0.152)
0.470
(11.938)
0.530
(13.462)
0.310
(7.874)
0.090 R.
(2.286)
0.090
(2.286)
0.660
(16.764)
0.780
(19.812)
1.130
(28.702)
0.010
(0.254)
0.060
(1.524)
0.060 R.
(1.524)
0.080
(2.032)
35°-45°
0.080 Spher. R.
(2.032)
1.030
(26.162)
0.080 Spher. R.
(2.032)
0.050 Spher. R.
(1.270)
0.050 Spher. R.
(1.270)
0.080 Spher. R.
(2.032)
0.840
(21.336)
0.030 R.
(0.762)
Pitch
Slot
0.360
(9.144)
0.006
(0.152)
0.050
(1.270)
0.080 Spher. R.
(2.032)
L
0.340
(8.636)
0.006
(0.152)
0.250
(6.350)
0.380
(9.652)
0.130 R.
(3.302)
0.310
(7.874)
0.220 R.
(5.588)
90°
To Outside
0.157 Pitch
(3.988)
0.040 Slot
(1.016)
0.940
(23.876)
0.710
(18.034)
0.200 R.
(5.108)
0.020 R.
(0.508)
0.075 Pitch
(1.905)
0.025 Slot
(0.635)
0.906
(23.012)
0.172 Pitch
(4.369)
0.047 Slot
(1.194)
L
L
L
B
Pitch
Slot
L
B
Fingers may or may not
be opposite
0.380
(9.652)
0.010
(0.254)
9°
0.110
(2.794)
M
FIGURE F
FIGURE G
FIGURE H
FIGURE I
^ Contips® available
^ Contips available
^ Contips available
^ Contips available
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 2.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com