Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 20 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 20 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 16Page - Laird Tech Smart Technology 97-252 Datasheet HTML 17Page - Laird Tech Smart Technology 97-252 Datasheet HTML 18Page - Laird Tech Smart Technology 97-252 Datasheet HTML 19Page - Laird Tech Smart Technology 97-252 Datasheet HTML 20Page - Laird Tech Smart Technology 97-252 Datasheet HTML 21Page - Laird Tech Smart Technology 97-252 Datasheet HTML 22Page - Laird Tech Smart Technology 97-252 Datasheet HTML 23Page - Laird Tech Smart Technology 97-252 Datasheet HTML 24Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
SYMMETRICAL (S3) SLOTTED SHIELDING
2.7
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
WITH STICKY FINGERS
Series 97-951/954/957 are low compression, adhesive-
mounted beryllium copper shielding strips. Designed as
a continuous band, the strip is slotted to permit spring
contact throughout its length. A wide radius profile creates
the greatest contact for maximum conductivity with minimum compression
requirements. As with all Sticky Fingers shielding strips, a self-adhesive tape
makes mounting easy and secure. All are available in your choice of finishes,
see page 1-11. For load/deflection data, see page 2-33.
WITH BI-DIRECTIONAL RIVET MOUNT
Series 97-952/955/958 are as described above, but
with the addition of an integral pierced brass track
to provide plastic push rivet mounting in a 0.125 in.
(3.175 mm) diameter hole.
Designed especially for slide applications, this configuration allows total
symmetrical compression action with bi-directional engagement. It is
recommended for high temperature and/or extremely high side load situations,
such as PC board connections and electronic drawers. All are available in
your choice of finishes, see page 1-11. For load/deflection data, see page
2-33. Both are available in UltraSoft
® low compression force 98-Series.
Smallest
Opening
S3
S3 RIVET MOUNT
RIVET SPACING
TAPERED TYPE 97-950 OPTIONAL
97-945 WHITE RIVET AVAILABLE
ONLY ON PART # 97-958
RATCHET TYPE
97-944
STANDARD
RIVET MOUNT
97-952
97-955
97-958
97-951
97-954
97-957
Strips with Sticky Fingers® and Rivet Mounts exhibit
typical attenuation >100 dB for a 100 MHz plane wave.
N
D
1.500
(38.100)
C
CL
Slot
M
E
A
B
0.285
(7.239)
0.195
(4.953)
1.500
(38.100)
M
M
E
Double
Adhesive
Tape
L
K
D
C
K
A
B
L
Push Rivet
Smallest
Opening
SERIES
A
B
C
D
E
K
L
APPROX.
M
N
NO. OF
MIN.
LENGTH
RIVETS
97-952
0.620
0.220
0.004
0.375
0.030
0.760
0.100
15.000
0.560
0.940
10
(15.748) (5.588) (0.102)
(9.525) (0.762) (19.304) (2.540) (381.000) (14.224) (23.876)
—
97-955
0.450
0.140
0.003
0.250
0.022
0.510
0.070
15.000
0.630
0.880
10
(11.430) (3.556) (0.076)
(6.350) (0.559) (12.954) (1.778) (381.000) (16.002) (22.352)
—
97-958
0.350
0.110
0.003
0.187
0.018
0.380
0.070
15.000
0.660
0.840
10
(8.890)
(2.794) (0.076)
(4.750) (0.457)
(9.652) (1.778) (381.000) (16.764) (21.336)
—
S3 SERIES — RIVET MOUNT
SERIES
A
B
C
D
E
K
L
APPROX.
MIN.
LENGTH
97-951
0.620
0.220
0.004
0.375
0.030
0.760
0.100
15.000
(15.748)
(5.588)
(0.102)
(9.525)
(0.762)
(19.304)
(2.540)
(381.000)
97-954
0.450
0.140
0.003
0.250
0.022
0.510
0.070
15.000
(11.430)
(3.556)
(0.076)
(6.350)
(0.559)
(12.954)
(1.778)
(381.000)
97-957
0.350
0.110
0.003
0.187
0.018
0.380
0.055
15.000
(8.890)
(2.794)
(0.076)
(4.750)
(0.457)
(9.652)
(1.397)
(381.000)
S3 SERIES — STICKY FINGERS
SERIES
A
B
C
D
95-901
0.284
0.020
0.010
0.068
(7.214)
(0.508)
(0.254)
(1.727)
95-902
0.325
0.030
0.010
0.080
(8.255)
(0.762)
(0.254)
(2.032)
S3 SERIES
2 rivet types are available. Consult sales for more information.
95-901-902
A
D
C
B
Optional PSA Tape
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com