Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

97-252 Datasheet(PDF) 51 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 51 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 47Page - Laird Tech Smart Technology 97-252 Datasheet HTML 48Page - Laird Tech Smart Technology 97-252 Datasheet HTML 49Page - Laird Tech Smart Technology 97-252 Datasheet HTML 50Page - Laird Tech Smart Technology 97-252 Datasheet HTML 51Page - Laird Tech Smart Technology 97-252 Datasheet HTML 52Page - Laird Tech Smart Technology 97-252 Datasheet HTML 53Page - Laird Tech Smart Technology 97-252 Datasheet HTML 54Page - Laird Tech Smart Technology 97-252 Datasheet HTML 55Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
SHIELDING EFFECTIVENESS CHARTS
2.38
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
-02 (Cu)
-08 (Sn)
140
120
100
80
60
40
20
0
9 kHz
1 MHz
1 GHz
18 GHz
100 kHz
10 MHz
200 MHz
10 GHz
Frequency
RADIATED
PART NO. 0097-0500-XX
-02 (Cu)
-08 (Sn)
140
120
100
80
60
40
20
10 kHz
1 MHz
100 MHz
100 kHz
10 MHz
1 GHz
Frequency
TRANSFER IMPEDANCE
PART NO. 0097-0500-XX
ALL-PURPOSE GASKET PART NO. 0097-0500-XX
TABLE 1. MIL-DTL-83528* RADIATED SHIELDING EFFECTIVENESS (dB)
* Fixture design (clamping vs. bolt configuration)
** Projected H-Field data
STRIP METAL GASKETS
The graphs and tables of radiated and transfer impedance measurements in
this section compare beryllium copper (-02) with either tin plating (-08) or bright
tin plating (-17), in various gasket configurations.
Obtaining the same level of shielding effectiveness shown in the following tested
gaskets to MIL-DTL-83528, Para. 4.6.12 or SAE ARP 1705 may not be accomplished
without an equivalent test flange/fixture configuration. Many mechanical factors
(size, tolerances, cover plate fastening/holding, flange stiffness, etc.) influence
performance by enhancing or lowering shielding effectiveness.
The data presented provides a valuable electrical design tool for gasket
material comparison/selection. Radiated shielding effectiveness values can
be approximately 38 dB higher than transfer impedance shielding effectiveness
values. This is because the measurement is influenced by the characteristic
impedance of the transmission line fixture with respect to the localized ground
reference. The specified MIL-DTL-83528 radiated fixture aperature is 24.000
in. x 24.000 in. (609.600 mm x 609.600 mm), This aperature size results in
attenuation, along with reflections and resonances, which creates a test
anomaly at 200 MHz, thus limiting the measurable shielding effectiveness.
The specimen configuration as specified in MIL-DTL-83528 is a 1.000 in.
(25.400 mm) wide flat strip; in contrast, the data presented in this section
is based on a wide range of specimen configurations for practical shielding
design applications.
Note: For all gaskets, shielding effectiveness measurements were taken at
recommended compression.
FREQUENCY
-02 (CU)
-08 (SN)
MAGNETIC
9 kHz
5
5
100 kHz
44
45
**1 MHz
83
85
**10 MHz
121
125
PLANE WAVE
200 MHz
113
114
1 GHz
125
127
10 GHz
72
73
18 GHz
65
61
TABLE 2. SAE ARP 1705 TRANSFER IMPEDANCE
SHIELDING EFFECTIVENESS (dB)
FREQUENCY
-02 (CU)
-08 (SN)
10 kHz
97
97
100 kHz
122
122
1 MHz
121
126
10 MHz
115
116
100 MHz
105
105
1 GHz
87
90
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 2.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com