Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 44 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 44 Page - SIMCom

Back Button SIM800 Datasheet HTML 40Page - SIMCom SIM800 Datasheet HTML 41Page - SIMCom SIM800 Datasheet HTML 42Page - SIMCom SIM800 Datasheet HTML 43Page - SIMCom SIM800 Datasheet HTML 44Page - SIMCom SIM800 Datasheet HTML 45Page - SIMCom SIM800 Datasheet HTML 46Page - SIMCom SIM800 Datasheet HTML 47Page - SIMCom SIM800 Datasheet HTML 48Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
44
2015-08-03
The result codes, their numeric equivalents and brief descriptions of the use
of each are listed in the following table.
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
-
Reference
V.25ter
Note
ATV1
ATV0
Description
OK
0
Acknowledges execution of a Command
CONNECT
1
A connection has been established; the DCE is moving from
Command state to online data state
RING
2
The DCE has detected an incoming call signal from
network
NO CARRIER
3
The connection has been terminated or the attempt to
establish a connection failed
ERROR
4
Command not recognized, Command line maximum length
exceeded, parameter value invalid, or other problem with
processing the Command line
NO DIALTONE 6
No dial tone detected
BUSY
7
Engaged (busy) signal detected
NO ANSWER
8
"@" (Wait for Quiet Answer) dial modifier was used, but
remote ringing followed by five seconds of silence was not
detected before expiration of the connection timer (S7)
PROCEEDING
9
An AT command is being processed
CONNECT
<text>
Manufacturer-
specific
Same as CONNECT, but includes manufacturer-specific
text that may specify DTE speed, line speed, error control,
data compression, or other status
2.2.26 ATX
Set CONNECT Result Code Format and Monitor Call Progress
ATX
Set CONNECT Result Code Format and Monitor Call Progress
Response
This parameter setting determines whether or not the TA detected the
presence of dial tone and busy signal and whether or not TA transmits
particular result codes.
OK
ERROR
Execution
Command
ATX<value>
Parameters
<value>
0 CONNECT result code only returned, dial tone and busy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com