Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 30 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 30 Page - SIMCom

Back Button SIM800 Datasheet HTML 26Page - SIMCom SIM800 Datasheet HTML 27Page - SIMCom SIM800 Datasheet HTML 28Page - SIMCom SIM800 Datasheet HTML 29Page - SIMCom SIM800 Datasheet HTML 30Page - SIMCom SIM800 Datasheet HTML 31Page - SIMCom SIM800 Datasheet HTML 32Page - SIMCom SIM800 Datasheet HTML 33Page - SIMCom SIM800 Datasheet HTML 34Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
30
2015-08-03
If connection successful and voice call
OK
Parameters
<n>
String of dialing digits and optionally V.25ter modifiers dialing
digits:
0-9, * , #, +, A, B, C
Following V.25ter modifiers are ignored:
,(comma), T, P, !, W, @
Emergency call:
<n>
Standardized emergency number 112 (no SIM needed)
<mgsm>
String of GSM modifiers:
I
Actives CLIR (Disables presentation of own number to
called party)
i
Deactivates CLIR (Enable presentation of own number
to called party)
G
Activates Closed User Group invocation for this call
only
g
Deactivates Closed User Group invocation for this call
only
<;>
Only required to set up voice call , return to Command state
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
20s(voice call)
Timeout set with ATS7 (data call)
Reference
V.25ter
Note
Parameter "I" and "i" only if no *# code is within the dial string
<n> is default for last number that can be dialed by ATDL
*# codes sent with ATD are treated as voice calls. Therefore, the Command
must be terminated with a semicolon ";"
See ATX Command for setting result code and call monitoring parameters.
Responses returned after dialing with ATD
For voice call two different responses mode can be determined. TA returns
"OK" immediately either after dialing was completed or after the call is
established. The setting is controlled by AT+COLP. Factory default is
AT+COLP=0, this cause the TA returns "OK" immediately after dialing
was completed, otherwise TA will returns "OK", "BUSY", "NO DIAL
TONE", "NO CARRIER".
Using ATD during an active voice call:
When a user originates a second voice call while there is already an active
voice call, the first call will be automatically put on hold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com