Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 22 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 22 Page - SIMCom

Back Button SIM800 Datasheet HTML 18Page - SIMCom SIM800 Datasheet HTML 19Page - SIMCom SIM800 Datasheet HTML 20Page - SIMCom SIM800 Datasheet HTML 21Page - SIMCom SIM800 Datasheet HTML 22Page - SIMCom SIM800 Datasheet HTML 23Page - SIMCom SIM800 Datasheet HTML 24Page - SIMCom SIM800 Datasheet HTML 25Page - SIMCom SIM800 Datasheet HTML 26Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
22
2015-08-03
1 Introduction
1.1 Scope of the document
This document presents the AT Command Set for SIMCom SIM800 Series, including SIM800V,
SIM840V, SIM800W, SIM840W, SIM800W16, SIM840W16, SIM800L, SIM800H, SIM800,
SIM800M64, SIM800G, SIM808, SIM800C, SIM800A, SIM800F and SIM800C-DS.
1.2 Related documents
You can visit the SIMCom Website using the following link:
http://www.sim.com
1.3 Conventions and abbreviations
In this document, the GSM engines are referred to as following term:
ME (Mobile Equipment);
MS (Mobile Station);
TA (Terminal Adapter);
DCE (Data Communication Equipment) or facsimile DCE (FAX modem, FAX board);
In application, controlling device controls the GSM engine by sending AT Command via its
serial interface. The controlling device at the other end of the serial line is referred to as
following term:
TE (Terminal Equipment);
DTE (Data Terminal Equipment) or plainly "the application" which is running on an embedded
system;
1.4 AT Command syntax
The "AT" or "at" or “aT” or “At”prefix must be set at the beginning of each Command line. To
terminate a Command line enter <CR>.
Commands are usually followed by a response that includes.
"<CR><LF><response><CR><LF>"
Throughout this document, only the responses are presented, <CR><LF> are omitted
intentionally.
The AT Command set implemented by SIM800 Series is a combination of 3GPP TS 27.005,
3GPP TS 27.007 and ITU-T recommendation V.25ter and the AT commands developed by
SIMCom.
Note: A HEX string such as "00 49 49 49 49 FF FF FF FF" will be sent out through serial
port at the baud rate of 115200 immediately after SIM800 Series is powered on. The string



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com