Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 25 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 25 Page - SIMCom

Back Button SIM800 Datasheet HTML 21Page - SIMCom SIM800 Datasheet HTML 22Page - SIMCom SIM800 Datasheet HTML 23Page - SIMCom SIM800 Datasheet HTML 24Page - SIMCom SIM800 Datasheet HTML 25Page - SIMCom SIM800 Datasheet HTML 26Page - SIMCom SIM800 Datasheet HTML 27Page - SIMCom SIM800 Datasheet HTML 28Page - SIMCom SIM800 Datasheet HTML 29Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
25
2015-08-03
serial interface.
The default flow control approach of SIM800 Series is hardware flow control (RTS/CTS flow
control), to enable software flow control in the DTE interface and within GSM engine, type the
following AT Command:
AT+IFC=1, 1
This setting is stored volatile, for use after restart, AT+IFC=1, 1 should be stored to the user
profile with AT&W.
NOTE:
The AT commands listed in the table of AT&W chapter should be stored to user profile with
AT&W for use after restart. Most other AT commands in V.25, 3GPP TS 27.005, 3GPP TS
27.007,GPRS will store parameters automatically and can be used after module restart.
Ensure that any communications software package (e.g. Hyper terminal) uses software flow
control.
NOTE:
Software Flow control should not be used for data calls where binary data will be transmitted or
received (e.g. TCP/IP) as the DTE interface may interpret binary data as flow control characters.
1.6.2 Hardware flow control (RTS/CTS flow control)
Hardware flow control achieves the data flow control by controlling the RTS/CTS line. When the
data transfer should be suspended, the CTS line is set inactive until the transfer from the
receiving buffer has completed. When the receiving buffer is ok to receive more data, CTS goes
active once again.
To achieve hardware flow control, ensure that the RTS/CTS lines are present on your application
platform.
1.7 Definitions
1.7.1 Parameter Saving Mode
For the purposes of the present document, the following syntactical definitions apply:
NO_SAVE: The parameter of the current AT command will be lost if module is rebooted or
current AT command doesn't have parameter.
AUTO_SAVE: The parameter of the current AT command will be kept in NVRAM
automatically, and it won't be lost if module is rebooted.
AT&W_SAVE: The parameter of the current AT command will be kept in NVRAM by
sending the command of “AT&W.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com