Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 74 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 74 Page - SIMCom

Back Button SIM800 Datasheet HTML 70Page - SIMCom SIM800 Datasheet HTML 71Page - SIMCom SIM800 Datasheet HTML 72Page - SIMCom SIM800 Datasheet HTML 73Page - SIMCom SIM800 Datasheet HTML 74Page - SIMCom SIM800 Datasheet HTML 75Page - SIMCom SIM800 Datasheet HTML 76Page - SIMCom SIM800 Datasheet HTML 77Page - SIMCom SIM800 Datasheet HTML 78Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
74
2015-08-03
OK
Parameters
See Write Command
Response
This Command is used to lock, unlock or interrogate a ME or a network
facility <fac>. Password is normally needed to do such actions. When
querying the status of a network service (<mode>=2) the response line for
‘not active’ case (<status>=0) should be returned only if service is not
active for any <class>.
If <mode>≠2 and Command is successful
OK
If <mode>=2 and Command is successful
+CLCK: <status>[,<class1>[<CR><LF>+CLCK:
<status>,<class2>[…]]
OK
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+CLCK=<fac>
,<mode>[,<passw
d>[,<class>]]
Parameters
<fac>
"AO"
BAOC (Barr All Outgoing Calls)
"OI" BOIC (Barr Outgoing International Calls)
"OX"
BOIC-exHC (Barr Outgoing International Calls
except to Home Country)
"AI" BAIC (Barr All Incoming Calls)
"IR" BIC-Roam (Barr Incoming Calls when Roaming
outside the home country)
"FD" SIM card or active application in the UICC (GSM or
USIM) fixed dialling memory feature (if PIN2 authentication has not been
done during the current session, PIN2 is required as <passwd>)
"SC"
SIM (lock SIM/UICC card) (SIM/UICC asks
password in MT power-up and when this lock command issued)
Correspond to PIN1 code.
"PN" Network Personalization, Correspond to NCK code
"PU" Network subset Personalization
Correspond to NSCK code
"PP" Service Provider Personalization
Correspond to SPCK code
<mode>
0 unlock
1 lock
2 query status
<passwd>
String type (Shall be the same as password specified for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com