Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 99 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 99 Page - SIMCom

Back Button SIM800 Datasheet HTML 95Page - SIMCom SIM800 Datasheet HTML 96Page - SIMCom SIM800 Datasheet HTML 97Page - SIMCom SIM800 Datasheet HTML 98Page - SIMCom SIM800 Datasheet HTML 99Page - SIMCom SIM800 Datasheet HTML 100Page - SIMCom SIM800 Datasheet HTML 101Page - SIMCom SIM800 Datasheet HTML 102Page - SIMCom SIM800 Datasheet HTML 103Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
99
2015-08-03
Parameters
See Write Command
Response
OK
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+CPOL=<ind
ex>[,<format>,<o
per>]
Parameters
<index>
Integer type: order number of operator in SIM preferred
operator list
<format>
Indicates whether alphanumeric or numeric
format used (see +COPS Command)
0
Long format alphanumeric <oper>
1
Short format alphanumeric <oper>
2
Numeric <oper>
<oper>
String type(string should be included in quotation marks)
Parameter Saving
Mode
AUTO_SAVE
Max
Response
Time
-
Reference
3GPP TS 27.007
[13]
Note
3.2.41 AT+COPN
Read Operator Names
AT+COPN
Read Operator Names
Test Command
AT+COPN=?
Response
OK
Response
+COPN: <numeric1>,<alpha1>
[<CR><LF>+COPN: <numeric2>,<alpha2>
[…]]
OK
If error is related to ME functionality:
+CME ERROR: <err>
Execution
Command
AT+COPN
Parameters
<numericn> String type (string should be included in quotation marks):
operator in numeric format (see +COPS)
<alphan>
String type (string should be included in quotation marks):
operator in long alphanumeric format (see +COPS)
Parameter Saving
Mode
NO_SAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com