Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 97 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 97 Page - SIMCom

Back Button SIM800 Datasheet HTML 93Page - SIMCom SIM800 Datasheet HTML 94Page - SIMCom SIM800 Datasheet HTML 95Page - SIMCom SIM800 Datasheet HTML 96Page - SIMCom SIM800 Datasheet HTML 97Page - SIMCom SIM800 Datasheet HTML 98Page - SIMCom SIM800 Datasheet HTML 99Page - SIMCom SIM800 Datasheet HTML 100Page - SIMCom SIM800 Datasheet HTML 101Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
97
2015-08-03
<N2>
Maximum number of re-transmissions
0-100
Default:3
<T2>
Max Response Timer for the multiplexer control channel in
units of ten milliseconds
2-255
Default:30
<T3>
Wake up Max Response Timers in seconds
1-255
Default:10
<k>
Window size, for Advanced operation with Error Recovery
options
1-7
Default:2
Response
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+CMUX=<mo
de>
Parameters
<mode>
Multiplexer transparency mechanism
0 Basic option
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
3GPP TS 27.007
[13]
Note
The multiplexing transmission rate is according to the current serial baud
rate. It is recommended to enable multiplexing protocol under 115200
bit/s baud rate
Multiplexer control channels are listed as follows:
Channel Number
Type
DLCI
None
Multiplexer Control
0
1
3GPP TS 27.007 and 005
1
2
3GPP TS 27.007 and 005
2
3
3GPP TS 27.007 and 005
3
4
3GPP TS 27.007 and 005
4
3.2.39 AT+CNUM
Subscriber Number
AT+CNUM
Subscriber Number
Test Command
AT+CNUM=?
Response
OK
Execution
Command
AT+CNUM
Response
+CNUM: [<alpha1>],<number1>,<type1>[,<speed>,<service>]
[<CR><LF>+CNUM:[<alpha2>],<number2>,<type2>[,<speed>,<serv
ice>]
[...]]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com