Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 45 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 45 Page - SIMCom

Back Button SIM800 Datasheet HTML 41Page - SIMCom SIM800 Datasheet HTML 42Page - SIMCom SIM800 Datasheet HTML 43Page - SIMCom SIM800 Datasheet HTML 44Page - SIMCom SIM800 Datasheet HTML 45Page - SIMCom SIM800 Datasheet HTML 46Page - SIMCom SIM800 Datasheet HTML 47Page - SIMCom SIM800 Datasheet HTML 48Page - SIMCom SIM800 Datasheet HTML 49Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
45
2015-08-03
detection are both disabled.
1 CONNECT<text> result code only returned, dial tone and
busy detection are both disabled.
2 CONNECT<text> result code returned, dial tone
detection is enabled, busy detection is disabled.
3 CONNECT<text> result code returned, dial tone
detection is disabled, busy detection is enabled.
4 CONNECT<text> result code returned, dial tone and
busy detection are both enabled.
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
-
Reference
V.25ter
Note
2.2.27 ATZ
Reset Default Configuration
ATZ
Reset Default Configuration
Response
TA sets all current parameters to the user defined profile.
OK
ERROR
Execution
Command
ATZ[<value>]
Parameters
<value>
0 Restore profile 0
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
V.25ter
Note
Parameter impacted by Z command: refer to AT&W
NOTE:
Parameters related to uart operation, like csclk, ipr, icf, ifc and cmnrp, will not be reset to
default configuration.
2.2.28 AT&C
Set DCD Function Mode
AT&C
Set DCD Function Mode
Execution
Command
AT&C<value>
Response
This parameter determines how the state of circuit 109 (DCD) relates to the
detection of received line signal from the distant end.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com