Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 88 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 88 Page - SIMCom

Back Button SIM800 Datasheet HTML 84Page - SIMCom SIM800 Datasheet HTML 85Page - SIMCom SIM800 Datasheet HTML 86Page - SIMCom SIM800 Datasheet HTML 87Page - SIMCom SIM800 Datasheet HTML 88Page - SIMCom SIM800 Datasheet HTML 89Page - SIMCom SIM800 Datasheet HTML 90Page - SIMCom SIM800 Datasheet HTML 91Page - SIMCom SIM800 Datasheet HTML 92Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
88
2015-08-03
Response
TA sets a new password for the facility lock function.
OK
Write Command
AT+CPWD=<fac
>,<oldpwd>,<new
pwd>
Parameters
<fac>
"AO"
BAOC (Barr All Outgoing Calls)
"OI" BOIC (Barr Outgoing International Calls)
"OX"
BOIC-exHC (Barr Outgoing International Calls
except to Home Country)
"AI" BAIC (Barr All Incoming Calls)
"IR" BIC-Roam (Barr Incoming Calls when Roaming
outside the home country)
"AB" All Barring services
"P2" SIM PIN2
"SC" SIM (lock SIM/UICC card) (SIM/UICC asks password
in MT power-up and when this lock command issued) Correspond to PIN1
code.
<oldpwd>
String type (string should be included in quotation marks):
password specified for the facility from the user interface or with
command. If an old password has not yet been set, <oldpwd> is not to
enter.
<newpwd>
String type (string should be included in quotation marks):
new password
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
15s
Reference
3GPP TS 27.007
[13]
Note
3.2.30 AT+CR
Service Reporting Control
AT+CR
Service Reporting Control
Response
+CR: (list of supported <mode>s)
OK
Test Command
AT+CR=?
Parameters
See Write Command
Read Command
AT+CR?
Response
+CR: <mode>
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com