Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 87 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 87 Page - SIMCom

Back Button SIM800 Datasheet HTML 83Page - SIMCom SIM800 Datasheet HTML 84Page - SIMCom SIM800 Datasheet HTML 85Page - SIMCom SIM800 Datasheet HTML 86Page - SIMCom SIM800 Datasheet HTML 87Page - SIMCom SIM800 Datasheet HTML 88Page - SIMCom SIM800 Datasheet HTML 89Page - SIMCom SIM800 Datasheet HTML 90Page - SIMCom SIM800 Datasheet HTML 91Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
87
2015-08-03
Parameters
<code>
READY
MT is not pending for any password
SIM PIN
MT is waiting SIM PIN to be given
SIM PUK
MT is waiting for SIM PUK to be given
PH_SIM PIN ME is waiting for phone to SIM card (antitheft)
PH_SIM PUK ME is waiting for SIM PUK (antitheft)
SIM PIN2
PIN2, e.g. for editing the FDN book possible only
if preceding Command was acknowledged with +CME
ERROR:17
SIM PUK2
Possible only if preceding Command was
acknowledged with error +CME ERROR: 18.
Response
TA stores a password which is necessary before it can be operated (SIM
PIN, SIM PUK, PH-SIM PIN, etc.).
If the PIN required is SIM PUK or SIM PUK2, the second pin is required.
This second pin, <new pin>, is used to replace the old pin in the SIM.
OK
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+CPIN=<pin>[
,<new pin>]
Parameters
<pin>
String type; password
<new pin>
String type; If the PIN required is SIM PUK or SIMPUK2:
new password
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
5s
Reference
3GPP TS 27.007
[13]
Note
3.2.29 AT+CPWD
Change Password
AT+CPWD
Change Password
Response
TA returns a list of pairs which present the available facilities and the
maximum length of their password.
+CPWD: (list of supported <fac>s, list of supported <pwdlength>s)
OK
Test Command
AT+CPWD=?
Parameters
<fac>
See Write Command
<pwdlength>
Integer max. length of password



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com