Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 71 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 71 Page - SIMCom

Back Button SIM800 Datasheet HTML 67Page - SIMCom SIM800 Datasheet HTML 68Page - SIMCom SIM800 Datasheet HTML 69Page - SIMCom SIM800 Datasheet HTML 70Page - SIMCom SIM800 Datasheet HTML 71Page - SIMCom SIM800 Datasheet HTML 72Page - SIMCom SIM800 Datasheet HTML 73Page - SIMCom SIM800 Datasheet HTML 74Page - SIMCom SIM800 Datasheet HTML 75Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
71
2015-08-03
OK
Parameters
See Write Command
Response
TA controls the supplementary services Call Hold, Multiparty and Explicit
Call Transfer. Calls can be put on hold, recovered, released, added to
conversation, and transferred.
Note These supplementary services are only applicable to tele service 11
(Speech: Telephony).
OK
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+CHLD=<n>
Parameters
<n>
0
Releases all held calls or sets User Determined User Busy
(UDUB) for a waiting call
1
Releases all active calls (if any exist) and accepts the other
(held or waiting) call.
1x
Releases a specific call x
2
Place all active calls on hold (if any) and accept the other
(held or waiting) call.
2x
Places all active calls on hold except call X with which
communication shall be supported.
3
Adds a held call to the conversation.
4
Connects the two calls and disconnects the subscriber from
both calls(ECT)
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
20s
Reference
Note
3.2.15 AT+CIMI
Request International Mobile Subscriber Identity
AT+CIMI
Request International Mobile Subscriber Identity
Test Command
AT+CIMI=?
Response
OK
Execution
Command
AT+CIMI
Response
TA returns <IMSI>for identifying the individual SIM which is attached to
ME.
<IMSI>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com