Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 23 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 23 Page - SIMCom

Back Button SIM800 Datasheet HTML 19Page - SIMCom SIM800 Datasheet HTML 20Page - SIMCom SIM800 Datasheet HTML 21Page - SIMCom SIM800 Datasheet HTML 22Page - SIMCom SIM800 Datasheet HTML 23Page - SIMCom SIM800 Datasheet HTML 24Page - SIMCom SIM800 Datasheet HTML 25Page - SIMCom SIM800 Datasheet HTML 26Page - SIMCom SIM800 Datasheet HTML 27Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
23
2015-08-03
shall be ignored since it is used for synchronization with PC tool. Only enter AT Command
through serial port after SIM800 Series is powered on and Unsolicited Result Code "RDY"
is received from serial port. If auto-bauding is enabled, the Unsolicited Result Codes
"RDY" and so on are not indicated when you start up the ME, and the "AT" prefix, or
"at" prefix must be set at the beginning of each command line.
All these AT commands can be split into three categories syntactically: "basic", "S parameter",
and "extended". These are as follows:
1.4.1 Basic syntax
These AT commands have the format of "AT<x><n>", or "AT&<x><n>", where "<x>"is the
Command, and "<n>"is/are the argument(s) for that Command. An example of this is "ATE<n>",
which tells the DCE whether received characters should be echoed back to the DTE according to
the value of "<n>". "<n>" is optional and a default will be used if missing.
1.4.2 S Parameter syntax
These AT commands have the format of "ATS<n>=<m>", where "<n>" is the index of the S
register to set, and "<m>"is the value to assign to it. "<m>" is optional; if it is missing, then a
default value is assigned.
1.4.3 Extended Syntax
These commands can operate in several modes, as in the following table:
Table 1: Types of AT commands and responses
Test Command
AT+<x>=?
The mobile equipment returns the list of parameters
and value ranges set with the corresponding Write
Command or by internal processes.
Read Command
AT+<x>?
This command returns the currently set value of the
parameter or parameters.
Write Command
AT+<x>=<…>
This command sets the user-definable parameter
values.
Execution Command
AT+<x>
The
execution
command
reads
non-variable
parameters affected by internal processes in the GSM
engine.
1.4.4 Combining AT commands on the same Command line
You can enter several AT commands on the same line. In this case, you do not need to type the
"AT" or "at" prefix before every command. Instead, you only need type "AT" or "at" the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com