Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 29 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 29 Page - SIMCom

Back Button SIM800 Datasheet HTML 25Page - SIMCom SIM800 Datasheet HTML 26Page - SIMCom SIM800 Datasheet HTML 27Page - SIMCom SIM800 Datasheet HTML 28Page - SIMCom SIM800 Datasheet HTML 29Page - SIMCom SIM800 Datasheet HTML 30Page - SIMCom SIM800 Datasheet HTML 31Page - SIMCom SIM800 Datasheet HTML 32Page - SIMCom SIM800 Datasheet HTML 33Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
29
2015-08-03
OK
Response if no connection
NO CARRIER
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
20s(voice call)
Timeout set with ATS7 (data call)
Reference
V.25ter
Note
See also ATX
2.2.3 ATD
Mobile Originated Call to Dial A Number
ATD
Mobile Originated Call to Dial A Number
Execution
Command
ATD<n>[<mgsm
][;]
Response
This Command can be used to set up outgoing voice, data or fax calls. It
also serves to control supplementary services.
Note: This Command may be aborted generally by receiving an ATH
Command or a character during execution. The aborting is not possible
during some states of connection establishment such as handshaking.
If error is related to ME functionality
+CME ERROR: <err>
If no dial tone and (parameter setting ATX2 or ATX4)
NO DIALTONE
If busy and (parameter setting ATX3 or ATX4)
BUSY
If a connection cannot be established
NO CARRIER
If the remote station does not answer
NO ANSWER
If connection successful and non-voice call.
CONNECT<text> TA switches to data mode.
Note: <text> output only if ATX<value> parameter setting with the
<value> >0
When TA returns to Command mode after call release
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com