Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 76 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 76 Page - SIMCom

Back Button SIM800 Datasheet HTML 72Page - SIMCom SIM800 Datasheet HTML 73Page - SIMCom SIM800 Datasheet HTML 74Page - SIMCom SIM800 Datasheet HTML 75Page - SIMCom SIM800 Datasheet HTML 76Page - SIMCom SIM800 Datasheet HTML 77Page - SIMCom SIM800 Datasheet HTML 78Page - SIMCom SIM800 Datasheet HTML 79Page - SIMCom SIM800 Datasheet HTML 80Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
76
2015-08-03
1 Enable +CLIP notification.
<m>
0 CLIP not provisioned
1 CLIP provisioned
2 Unknown (e.g. no network, etc.)
Unsolicited Result Code
When the presentation of the CLI at the TE is enabled (and calling
subscriber allows), an unsolicited result code is returned after every RING
(or +CRING: <type>) at a mobile terminating call.
+CLIP: <number>,<type>[,<subaddr>,<satype>,<alphaId>,<CLI
validity>]
Parameters
<number>
String type (string should be included in quotation marks)
phone number of calling address in format specified by
<type>.
<type>
Type of address octet in integer format;
129 Unknown type
161 National number type
145 International number type
177 Network specific number
<subaddr>
String type (subaddress of format specified by <satype>)
<satype>
Integer type (type of subaddress)
<alphaId>
String type (string should be included in quotation marks)
alphanumeric representation of <number> corresponding to the entry
found in phone book.
<CLI validity>
0 CLI valid
1 CLI has been withheld by the originator.
2 CLI is not available due to interworking problems or
limitations of originating network.
Parameter Saving
Mode
NO_SAVE
Max Response
Time
15s
Reference
Note
3.2.19 AT+CLIR
Calling Line Identification Restriction
AT+CLIR
Calling Line Identification Restriction
Response
+CLIR: (list of supported <n>s)
OK
Test Command
AT+CLIR=?
Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com