Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 61 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 61 Page - SIMCom

Back Button SIM800 Datasheet HTML 57Page - SIMCom SIM800 Datasheet HTML 58Page - SIMCom SIM800 Datasheet HTML 59Page - SIMCom SIM800 Datasheet HTML 60Page - SIMCom SIM800 Datasheet HTML 61Page - SIMCom SIM800 Datasheet HTML 62Page - SIMCom SIM800 Datasheet HTML 63Page - SIMCom SIM800 Datasheet HTML 64Page - SIMCom SIM800 Datasheet HTML 65Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
61
2015-08-03
<speed>
0
Auto-bauding (automatic selection of the speed; this
setting is possible in case of 3.1kHz modern and non-transparent service)
4 2400 bps (V.22bis)
5 2400 bps (V.26ter)
6 4800 bps (V.32)
7
9600 bps (V.32)
12 9600 bps (V.34)
14 14400 bps (V.34)
68 2400 bps (V.110 or X.31 flag stuffing)
70 4800 bps (V.110 or X.31 flag stuffing)
71 9600 bps (V.110 or X.31 flag stuffing)
75 14400 bps (V.110 or X.31 flag stuffing)
<name>
0
Data circuit asynchronous (UDI or 3.1 kHz modem)
4
Data circuit asynchronous (RDI)
<ce>
0
Transparent
1
Non-transparent
2
Both, transparent prefered
3
Both, non-transparent prefered
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
-
Reference
3GPP TS 27.007
[14]
Note
GSM 02.02[1]: lists the allowed combinations of the sub parameters.
3.2.5 AT+CCFC
Call Forwarding Number and Conditions Control
AT+CCFC
Call Forwarding Number and Conditions Control
Response
+CCFC: (list of supported <reason>s)
OK
Test Command
AT+CCFC=?
Parameters
See Write Command
Write Command
AT+CCFC=<rea
son>,<mode>[,<
number>[,<type
>[,<class>[,<sub
addr>[,<satype>[
,time]]]]]]
Response
TA controls the call forwarding supplementary service. Registration,
erasure, activation, deactivation, and status query are supported.
Only ,<reads> and <mode> should be entered with mode (0-2,4)
If <mode>≠2 and Command successful
OK
If <mode>=2 and Command successful (only in connection with <reason> 0
–3)
For registered call forwarding numbers:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com