Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 96 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 96 Page - SIMCom

Back Button SIM800 Datasheet HTML 92Page - SIMCom SIM800 Datasheet HTML 93Page - SIMCom SIM800 Datasheet HTML 94Page - SIMCom SIM800 Datasheet HTML 95Page - SIMCom SIM800 Datasheet HTML 96Page - SIMCom SIM800 Datasheet HTML 97Page - SIMCom SIM800 Datasheet HTML 98Page - SIMCom SIM800 Datasheet HTML 99Page - SIMCom SIM800 Datasheet HTML 100Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
96
2015-08-03
whose duration is determined by <duration>.
<duration> Duration of the tone in 1/10 seconds range :1-255
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
Number of DTMF characters*duration.
Reference
3GPP TS 27.007
[13]
Note
3.2.38 AT+CMUX
Multiplexer Control
AT+CMUX
Multiplexer Control
Response
+CMUX: (0)
OK
Test Command
AT+CMUX=?
Parameters
See Write Command
Response:
+CMUX:[<mode>[,<subset>[,<port_speed>[,<N1>[,<T1>[,<N2>[,<T2
>[,<T3>[,<k>]]]]]]]]]
OK
ERROR
Read Command
AT+CMUX?
Parameters
<mode>
Multiplexer transparency mechanism
0 Basic option
<subset>
The way in which the multiplexer control channel is set up
0 UIH frames used only
<port_speed> Transmission rate
1 9600 bits/t
2 19200 bits/t
3 38400 bits/t
4 57600 bits/t
5 115200 bit/s
6 230400 bits/t
7 460800 bits/t
Proprietary values, available if MUX NEW PORT
SPEED FTR is activated
<N1>
Maximum frame size
1-255
Default: 127
<T1>
Acknowledgement timer in units of ten milliseconds
1-255
Default:10 (100 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com