Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 64 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 64 Page - SIMCom

Back Button SIM800 Datasheet HTML 60Page - SIMCom SIM800 Datasheet HTML 61Page - SIMCom SIM800 Datasheet HTML 62Page - SIMCom SIM800 Datasheet HTML 63Page - SIMCom SIM800 Datasheet HTML 64Page - SIMCom SIM800 Datasheet HTML 65Page - SIMCom SIM800 Datasheet HTML 66Page - SIMCom SIM800 Datasheet HTML 67Page - SIMCom SIM800 Datasheet HTML 68Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
64
2015-08-03
1 Enable presentation of an unsolicited result code
<mode>
When <mode> parameter not given, network is not
interrogated
0 Disable
1 Enable
2 Query status
<class>
Is a sum of integers each representing a class of information
1 Voice (telephony)
2 Data (refers to all bearer services; with <mode>=2 this
may refer only to some bearer service if TA does not support values 16,
32, 64 and 128
4 Fax (facsimile services)
7 Default(1+2+4)
<status>
0 Not active
1 Active
Unsolicited result code
RING
+CCWA: <number>,<type>,<class>[,<alpha>]
Parameters
<number>
String type (string should be included in quotation marks)
phone number of calling address in format specified by <type>
<type>
Type of address octet in integer format;
129 Unknown type
161 National number type
145 International number type
177 Network specific number
<alpha> Optional string type (string should be included in quotation
marks) alphanumeric representation of <number> corresponding to the
entry found in phone book.
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
15s
Reference
3GPP TS 27.007
Note
3.2.7AT+CEER
Extended Error Report
AT+CEER
Extended Error Report
Test Command
AT+CEER=?
Response
+CEER: (list of supported <n>s)
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com