Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 101 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 101 Page - SIMCom

Back Button SIM800 Datasheet HTML 97Page - SIMCom SIM800 Datasheet HTML 98Page - SIMCom SIM800 Datasheet HTML 99Page - SIMCom SIM800 Datasheet HTML 100Page - SIMCom SIM800 Datasheet HTML 101Page - SIMCom SIM800 Datasheet HTML 102Page - SIMCom SIM800 Datasheet HTML 103Page - SIMCom SIM800 Datasheet HTML 104Page - SIMCom SIM800 Datasheet HTML 105Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
101
2015-08-03
AT+CFUN=1,1 can be used to reset module purposely at minimum/full
functionality mode.
Response string "OK" will be returned after module resets if baud rate is
set to fixed baud rate.
3.2.43 AT+CCLK
Clock
AT+CCLK
Clock
Test Command
AT+CCLK=?
Response
OK
Response
+CCLK: <time>
OK
If error is related to ME functionality:
+CME ERROR: <err>
Read Command
AT+CCLK?
Parameters
See Write Command
Response
OK
If error is related to ME functionality:
+CME ERROR: <err>
Write Command
AT+CCLK=<tim
e>
Parameters
<time>
String type(string should be included in quotation marks)
value; format is "yy/MM/dd,hh:mm:ss±zz", where characters indicate
year (two last digits),month, day, hour, minutes, seconds and time zone
(indicates the difference, expressed in quarters of an hour, between the
local time and GMT; range -47...+48). E.g. 6th of May 2010, 00:01:52
GMT+2 hours equals to "10/05/06,00:01:52+08".
Parameter Saving
Mode
AUTO_SAVE
Max
Response
Time
-
Reference
3GPP TS 27.007
[13]
Note
Only time zone is auto saved.
3.2.44 AT+CSIM
Generic SIM Access
AT+CSIM
Generic SIM Access
Test Command
AT+CSIM=?
Response
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com