Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 137 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 137 Page - SIMCom

Back Button SIM800 Datasheet HTML 133Page - SIMCom SIM800 Datasheet HTML 134Page - SIMCom SIM800 Datasheet HTML 135Page - SIMCom SIM800 Datasheet HTML 136Page - SIMCom SIM800 Datasheet HTML 137Page - SIMCom SIM800 Datasheet HTML 138Page - SIMCom SIM800 Datasheet HTML 139Page - SIMCom SIM800 Datasheet HTML 140Page - SIMCom SIM800 Datasheet HTML 141Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
137
2015-08-03
>]
Parameter
<command> HEX String --specified in GSM11.14[13.1]
- 'D3' = Menu Selection;
- 'D6' =Event download;
<data> Hex String
If command is ‘D3’ --specified in GSM11.14[8.2]
-Item identifier of main menu
If command is ‘D6’ --specified in GSM11.14[11]
-event list
- '04' = User activity
- '05' = Idle screen available
- '07' = Language selection
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-
Reference
Note
For more detail used, can refer AT+STKENV command
5.2.3 AT+STKCALL
STK call setup
AT+STKCALL
STK call setup
Response
OK
Test Command
AT+STKCALL=?
Parameter
See Write Command
Write Command
AT+STKCALL=<
command>
Response
OK
ERROR
Parameter
<command>
stk call command
0
Trigger modem to send STK CALLSETUP
4
Trigger modem to send STK CALLSETUP but icon cannot
be displayed
16
Proactive session terminated by user
18
No response from user
32
ME currently unable to process this command
34
User reject setup call
50
Command data not understood by ME
Note: Above are the possible terminal response value needed to be
responded by application. It’s modem’s responsibility to response for other
terminal response value.
Parameter
Saving
Mode
NO_SAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com