Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 154 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 154 Page - SIMCom

Back Button SIM800 Datasheet HTML 150Page - SIMCom SIM800 Datasheet HTML 151Page - SIMCom SIM800 Datasheet HTML 152Page - SIMCom SIM800 Datasheet HTML 153Page - SIMCom SIM800 Datasheet HTML 154Page - SIMCom SIM800 Datasheet HTML 155Page - SIMCom SIM800 Datasheet HTML 156Page - SIMCom SIM800 Datasheet HTML 157Page - SIMCom SIM800 Datasheet HTML 158Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
154
2015-08-03
<time zone>
String type; network time zone. If the network time zone
has been adjusted for Daylight Saving Time, the network shall indicate
this by including the <dst> (Network Daylight Saving Time)
<dst>
Network Daylight Saving Time; the content of this
indicates the value that used to adjust the network time zone
0 No adjustment for Daylight Saving Time
1 +1 hour adjustment for Daylight Saving
2 +2 hours adjustment for Daylight Saving Time
3 Reserved
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
-
Reference
Note
Support for this Command will be network dependent.
Set AT+CLTS=1, it means user can receive network time updating
and use AT+CCLK to show current time.
6.2.13 AT+CLDTMF
Local DTMF Tone Generation
AT+CLDTMF
Local DTMF Tone Generation
Test Command
AT+CLDTMF=?
Response
+CLDTMF: (1-100),(0-9,A,B,C,D,E,F,*,#),(10-500)
OK
Response
OK
ERROR
Write Command
AT+CLDTMF=<
n>,<DTMF
string>[<timeBas
e>]
Parameters
<n>
A numeric parameter (1-100) which indicates the duration of all
DTMF tones.
<DTMF -string>
A string parameter (string should be included in
quotation marks) which has a max length of 20 chars of form <DTMF>,
separated by commas.
<DTMF>
A single ASCII chars in the set 0-9, #,*, A-D. In addition,
E and F is supported too. E represents single frequency 1400HZ sound, F
represents single frequency 2300HZ sound.
<timeBase>
timeBase to generate DTMF sound.the DTMF on time is
<n>*<timeBase>, DTMF off time is timeBase,the default value is 100ms.
Execution
Command
AT+CLDTMF
Response
OK
Abort any DTMF tone currently being generated and any DTMF tone
sequence.
Parameter Saving NO_SAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com