Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 160 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 160 Page - SIMCom

Back Button SIM800 Datasheet HTML 156Page - SIMCom SIM800 Datasheet HTML 157Page - SIMCom SIM800 Datasheet HTML 158Page - SIMCom SIM800 Datasheet HTML 159Page - SIMCom SIM800 Datasheet HTML 160Page - SIMCom SIM800 Datasheet HTML 161Page - SIMCom SIM800 Datasheet HTML 162Page - SIMCom SIM800 Datasheet HTML 163Page - SIMCom SIM800 Datasheet HTML 164Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
160
2015-08-03
channel. Channel 2, 3 is virtual channel.
6.2.20 AT+CSCLK
Configure Slow Clock
AT+CSCLK
Configure Slow Clock
Response
+CSCLK: (list of supported <n>s)
OK
Test Command
AT+CSCLK=?
Parameter
See Write Command
Response
+CSCLK: <n>
OK
Read Command
AT+CSCLK?
Parameter
See Write Command
Response
OK
ERROR
Write Command
AT+CSCLK=<n
>
Parameter
<n>
0
Disable slow clock, module will not enter sleep mode.
1
Enable slow clock, it is controlled by DTR. When DTR is
high, module can enter sleep mode. When DTR changes to low
level, module can quit sleep mode.
2
Enable slow clock automatically. When there is no interrupt
(on air and hardware such as GPIO interrupt or data in serial
port), module can enter sleep mode. Otherwise, it will quit sleep
mode.
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
-
Reference
Note
There are two caveats when you want to quit sleep mode in mode 2:
1, You should input some characters (at least one) to awake module
2, An interval time of 100ms more is necessary between waking characters
and following AT commands,otherwise the waking characters will not be
discarded completely,and messy codes will be produced which may leads to
UART baudrate re-adaptation.
The +CSCLK value can not be reset by AT&F or ATZ command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com