Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 165 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 165 Page - SIMCom

Back Button SIM800 Datasheet HTML 161Page - SIMCom SIM800 Datasheet HTML 162Page - SIMCom SIM800 Datasheet HTML 163Page - SIMCom SIM800 Datasheet HTML 164Page - SIMCom SIM800 Datasheet HTML 165Page - SIMCom SIM800 Datasheet HTML 166Page - SIMCom SIM800 Datasheet HTML 167Page - SIMCom SIM800 Datasheet HTML 168Page - SIMCom SIM800 Datasheet HTML 169Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
165
2015-08-03
0 Disable temperature detection
1 Enable temperature detection
<Temperature>
range from -40.00 to 95.00
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
2s
Reference
Note
When temperature is extremely high or low, product will power off.
URCs indicating the alert level "1" or "-1" are intended to enable the
user to take appropriate precautions, such as protecting the module
from exposure to extreme conditions, or saving or backing up data etc.
Level "2" or "-2" URCs are followed by immediate shutdown.
6.2.25 AT+CMGDA
Delete All SMS
AT+CMGDA
Delete All SMS
Response
+CMGDA: (list of supported <type>s)
OK
+CMS ERROR: <err>
Test Command
AT+CMGDA=?
Parameter
See Write Command
Response
OK
ERROR
+CMS ERROR: <err>
Write Command
AT+CMGDA=<t
ype>
Parameter
<type>
1) If text mode:
"DEL READ"
Delete all read messages
"DEL UNREAD" Delete all unread messages
"DEL SENT"
Delete all sent SMS
"DEL UNSENT"
Delete all unsent SMS
"DEL INBOX"
Delete all received SMS
"DEL ALL"
Delete all SMS
2) If PDU mode:
1 Delete all read messages
2 Delete all unread messages
3 Delete all sent SMS
4 Delete all unsent SMS
5 Delete all received SMS
6 Delete all SMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com