Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 200 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 200 Page - SIMCom

Back Button SIM800 Datasheet HTML 196Page - SIMCom SIM800 Datasheet HTML 197Page - SIMCom SIM800 Datasheet HTML 198Page - SIMCom SIM800 Datasheet HTML 199Page - SIMCom SIM800 Datasheet HTML 200Page - SIMCom SIM800 Datasheet HTML 201Page - SIMCom SIM800 Datasheet HTML 202Page - SIMCom SIM800 Datasheet HTML 203Page - SIMCom SIM800 Datasheet HTML 204Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
200
2015-08-03
OK
If error is related to ME functionality:
+CME ERROR: <err>
AT+CEGPRS=<
switch>[,<class>]
Parameters
<switch>
0
Switch off EDGE
1
Switch on EDGE
<class>
EGPRS multi-slot class
Note: If <switch> value is equal to 1, <class> must be input.otherwise
<class> is optional.
Parameter Saving
Mode
AUTO_SAVE
Max
Response
Time
-
Reference
Note
The module must restart if the EDGE is switched on or off.
6.2.70 AT+CGPIO
Control the GPIO by PIN Index
AT+CGPIO
Control the GPIO by PIN Index
Response
+CGPIO: (0-1),( list of supported <pin>s),(0-1),(0-1)
OK
Test Command
AT+CGPIO=?
Parameters
See Write Command
Response
OK
ERROR
Write Command
AT+CGPIO=<ope
ration>,<pin>,<fu
nction>,<level>
Parameters
<Operation>
0 Set the GPIO function including the GPIO output .
1 Read the GPIO level. Please note that only when the gpio is
set as input, user can use parameter 1 to read the GPIO level, otherwise the
module will return "ERROR".
<pin>
The PIN index you want to be set. (It has relations with the
hardware, please refer to the hardware manual)
<function>
Only when <Operation> is set to 0, this option takes effect.
0 Set the GPIO to input.
1 Set the GPIO to output
<level>
0 Set the GPIO low level
1 Set the GPIO high level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com