Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 252 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 252 Page - SIMCom

Back Button SIM800 Datasheet HTML 248Page - SIMCom SIM800 Datasheet HTML 249Page - SIMCom SIM800 Datasheet HTML 250Page - SIMCom SIM800 Datasheet HTML 251Page - SIMCom SIM800 Datasheet HTML 252Page - SIMCom SIM800 Datasheet HTML 253Page - SIMCom SIM800 Datasheet HTML 254Page - SIMCom SIM800 Datasheet HTML 255Page - SIMCom SIM800 Datasheet HTML 256Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
252
2015-08-03
Parameters
<IPaddr>
Address of the remote host,string type.This
parameter can be either:
- IP address in the format:”xxx.xxx.xxx.xxx”
- Host name solved by a DNS query
<retryNum>
The number of Ping Echo Requset to send
1-100
Default: 4
<dataLen>
The length of Ping Echo Request data
0-1024 Default: 32
<timeout>
The timeout,in units of 100 ms,waiting for a single
Echo Reply
1-600
Default: 100(10 seconds)
<ttl>
Time to live
1-255
Default: 64
<replyId>
Echo Reply number
<IP Address>
IP Address of the remote host
<replyTime>
Time,in units of 100 ms, required to receive the
response
Parameter
Saving
Mode
NO_SAVE
Max Response Time -
Reference
Note
Before sending PING Request the GPRS context must be activated.
When the Echo Request timeout expires (no reply received on
time), the response will contains <replyTime> setting to 600 and
<ttl> setting to 255.
When executing this command, if PDP context is deactivated for
some reasons, such as out of service, etc., the “+PDP: DEACT”
URC is reported and the command will end immediately.
10.2.2 AT+CIPCTL
Set the Mode When Receiving an IP Packet
AT+CIPCTL
Set the Mode When Receiving an IP Packet
Response
+CIPCTL: (list of supported <mode>s)
OK
Test Command
AT+CIPCTL=?
Parameters
See Write Command
Read Command
AT+CIPCTL?
Response
+CIPCTL: <mode>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com