Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 275 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 275 Page - SIMCom

Back Button SIM800 Datasheet HTML 271Page - SIMCom SIM800 Datasheet HTML 272Page - SIMCom SIM800 Datasheet HTML 273Page - SIMCom SIM800 Datasheet HTML 274Page - SIMCom SIM800 Datasheet HTML 275Page - SIMCom SIM800 Datasheet HTML 276Page - SIMCom SIM800 Datasheet HTML 277Page - SIMCom SIM800 Datasheet HTML 278Page - SIMCom SIM800 Datasheet HTML 279Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
275
2015-08-03
+FTPGET:2,<cnflength>
012345678…
OK
If error is related to ME functionality:
+CME ERROR: <err>
Parameters
<mode>
1 For opening FTP get session
2 For reading FTP download data.
<reqlength> Requested number of data bytes (1-1460)to be read
<cnflength> Confirmed number of data bytes to be read, which may be less
than <length>. 0 indicates that no data can be read.
<error>
61 Net error
62 DNS error
63 Connect error
64 Timeout
65 Server error
66 Operation not allow
70 Replay error
71 User error
72 Password error
73 Type error
74 Rest error
75 Passive error
76 Active error
77 Operate error
78 Upload error
79 Download error
86 Manual quit
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
75 seconds(In case no response is received from server)
Reference
Note
When "+FTPGET:1,1" is shown, then use AT+FTPGET=2,<reqlength> to
read data. If the module still has unread data, "+FTPGET:1,1" will be
shown again in a certain time.
12.2.15 AT+FTPPUT
Set Upload File
AT+FTPPUT
Set Upload File
Test Command
AT+FTPPUT=?
Response
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com