Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 298 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 298 Page - SIMCom

Back Button SIM800 Datasheet HTML 294Page - SIMCom SIM800 Datasheet HTML 295Page - SIMCom SIM800 Datasheet HTML 296Page - SIMCom SIM800 Datasheet HTML 297Page - SIMCom SIM800 Datasheet HTML 298Page - SIMCom SIM800 Datasheet HTML 299Page - SIMCom SIM800 Datasheet HTML 300Page - SIMCom SIM800 Datasheet HTML 301Page - SIMCom SIM800 Datasheet HTML 302Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
298
2015-08-03
2
attach a binary file (bmp, mp3, video…)
<fileName>
The name of the Email attachment.
<fileNameLength>
The max length of <fileName>.
<encodeType>
Content-Transfer-Encoding used for attachment
0
"7bit" means data all represented as short lines of US-ASCII
data
1
"base64" designed to represent arbitrary sequences of octets
in a form that need not be humanly readable
Parameter
Saving
Mode
NO_SAVE
Max Response Time
-
Reference
Note
If a txt file (<fileType>=1) is attached, <encodeType> must be 0.
If a binary file (<fileType>=2) is attached, <encodeType> must be
1.
14.2.10 AT+SMTPSEND
Send the Email
AT+SMTPSEND
Send the Email
Response
OK
Test Command
AT+SMTPSEND=?
Parameters
Response
OK
If error is related to ME functionality:
ERROR
If send successfully or not, return:
+SMTPSEND: <code>
Execution Command
AT+SMTPSEND
Parameters
<code>
The result of sending Email.
1
The Email has been sent successfully.
61
Network error.
62
DNS resolve error
63
SMTP TCP connection error.
64
Timeout of SMTP server response
65
SMTP server response error
66
Not authentication
67
Authentication failed. SMTP user name or password may
be not right.
68
Bad recipient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com