Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 308 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 308 Page - SIMCom

Back Button SIM800 Datasheet HTML 304Page - SIMCom SIM800 Datasheet HTML 305Page - SIMCom SIM800 Datasheet HTML 306Page - SIMCom SIM800 Datasheet HTML 307Page - SIMCom SIM800 Datasheet HTML 308Page - SIMCom SIM800 Datasheet HTML 309Page - SIMCom SIM800 Datasheet HTML 310Page - SIMCom SIM800 Datasheet HTML 311Page - SIMCom SIM800 Datasheet HTML 312Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
308
2015-08-03
Mode
Max Response Time
-
Reference
Note
Other AT commands (but AT+POP3OUT) can not be executed
until the data of response are read completely.
If <confLength> is less than <reqLength>, you should wait for a
URC “+POP3READ: 3,<dataLength>” reported. Then you may
continue to read data by AT+POP3READ.
If the module has some unread data, the URC “+POP3READ:
3,<dataLength>” is reported every once in a while. After so
me time, these data are not still read, the module will quit th
e POP3 process.
14.2.20 AT+POP3DEL
Mark the Specific Email to Delete
AT+POP3DEL
Mark the Specific Email to Delete
Response
+POP3DEL: (range of supported <msgNumber>s)
OK
Test Command
AT+POP3DEL=?
Parameters
See Write Command
Response
OK
If error is related to ME functionality:
ERROR
If POP3 server issues a positive response:
+POP3DEL: 1
If POP3 server issues a negative response:
+POP3DEL: 0
If some error occur:
+POP3OUT: <code>
Write Command
AT+POP3DEL=<m
sgNumber>
Parameters
<msgNumber>
The message number of Email
<code>
The result of logging out POP3 server
1
Normally log out POP3 server
61
Network error
62
DNS resolve error
63
POP3 tcp connection error
64
Timeout of POP3 server response
Parameter
Saving
Mode
NO_SAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com