Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800 Datasheet(PDF) 374 Page - SIMCom

Part # SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Datasheet(HTML) 374 Page - SIMCom

Back Button SIM800 Datasheet HTML 370Page - SIMCom SIM800 Datasheet HTML 371Page - SIMCom SIM800 Datasheet HTML 372Page - SIMCom SIM800 Datasheet HTML 373Page - SIMCom SIM800 Datasheet HTML 374Page - SIMCom SIM800 Datasheet HTML 375Page - SIMCom SIM800 Datasheet HTML 376Page - SIMCom SIM800 Datasheet HTML 377Page - SIMCom SIM800 Datasheet HTML 378Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
374
2015-08-03
SIM800C-DS.
The default gain level of aux audio channel is 9 in SIM800V, SIM840V, SIM800W, SIM840W,
SIM800W16 and SIM840W16.
The default gain level of aux audio channel is 8 in SIM800C, SIM800A and SIM800F.
21.3 AT+CBAND
SIM800V, SIM800W,SIM800W16,SIM800A
SIM840V,SIM840W,SIM840W16,SIM800H,SI
M800L, SIM800,SIM800M64,SIM800G,
SIM808,SIM800C,SIM800F,SIM800C-DS
AT+CBAND=?
+CBAND:
(EGSM_MODE,DCS_MODE,EGSM_DCS
_MODE,ALL_BAND)
OK
AT+CBAND=?
+CBAND:
(EGSM_MODE,DCS_MODE,GSM850_MOD
E,PCS_MODE,EGSM_DCS_MODE,GSM850
_PCS_MODE,EGSM_PCS_MODE,ALL_BAN
D)
OK
Difference:
SIM840V, SIM840W, SIM840W16,SIM800H, SIM800L, SIM800, SIM800M64, SIM800G,
SIM808, SIM800C, SIM800F and SIM800C-DS support Quad-band.
21.4 AT+CHFA
SIM800V, SIM840V,SIM800W,
SIM840W,SIM800W16,SIM840W16
SIM800H,SIM800L,SIM800,SIM800M64,
SIM808,SIM800C,SIM800A
AT+CHFA=?
+CHFA: (0 = NORMAL_AUDIO, 1 =
AUX_AUDIO)
OK
AT+CHFA=?
If it is SIM800 and SIM800M64
+CHFA: (0 = NORMAL_AUDIO, 2 =
HANDFREE_AUDIO,4=PCM_AUDIO)
OK
If it is SIM800H,SIM800L, SIM808 or
SIM800C-DS
+CHFA: (0 = NORMAL_AUDIO, 1 =
AUX_AUDIO, 2 = HANDFREE_AUDIO,
3 = AUX_HANDFREE_AUDIO, 4 =
PCM_AUDIO)
OK
If it is SIM800C,SIM800A,SIM800F
+CHFA: (0 = NORMAL_AUDIO, 2 =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com