Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 60Page - ATMEL Corporation AT89LP213 Datasheet HTML 61Page - ATMEL Corporation AT89LP213 Datasheet HTML 62Page - ATMEL Corporation AT89LP213 Datasheet HTML 63Page - ATMEL Corporation AT89LP213 Datasheet HTML 64Page - ATMEL Corporation AT89LP213 Datasheet HTML 65Page - ATMEL Corporation AT89LP213 Datasheet HTML 66Page - ATMEL Corporation AT89LP213 Datasheet HTML 67Page - ATMEL Corporation AT89LP213 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
64
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
22.2
Software Breakpoints
The AT89LP213/214 microcontroller includes a BREAK instruction for implementing program
memory breakpoints in software. A software breakpoint can be inserted manually by placing the
BREAK instruction in the program code. Some emulator systems may allow for automatic inser-
tion/deletion of software breakpoints. The Flash memory must be re-programmed each time a
software breakpoint is changed. Frequent insertions/deletions of software breakpoints will
reduce the data retention of the nonvolatile memory. Devices used for debugging purposes
should not be shipped to end customers. The BREAK instruction is treated as a two-cycle NOP
when OCD is disabled.
22.3
Limitations of On-chip Debug
The AT89LP213/214 is a low-cost, low-pincount yet fully-featured microcontroller that multi-
plexes several functions on its limited I/O pins. Some device functionality must be sacrificed to
provide resources for On-chip Debugging. The On-chip Debug System has the following
limitations:
• The Debug Clock pin (DCL) is physically located on that same pin as Port Pin P1.3 and the
External Reset (RST). Therefore, neither P1.3 nor an external reset source may be emulated
when OCD is enabled.
• The Debug Data pin (DDA) is physically located on either the XTAL1/P3.2 or XTAL2/P3.3 pin.
The crystal oscillator is therefore not supported during debug. The user must select either the
Internal RC Oscillator or the External Clock source to provide the system clock. Devices
fused for the crystal oscillator will default to external clock mode when OCD is enabled.
• When using the Internal RC Oscillator during debug, DDA is located on the XTAL1/P3.2 pin.
The INT0 function cannot be emulated in this mode.
• When using the External Clock during debug, DDA is located on the XTAL2/P3.3 pin and the
system clock drives XTAL1/P3.2. The INT0, INT1 and CLKOUT functions cannot be
emulated in this mode.
• The AT89LP213/214 does not support In-Application Programming and therefore the device
must be reset before changing the program code during debugging. This includes the
insertion/deletion of software breakpoints.
• When using the watchdog to generate a break, the state of the watchdog will not be reset. An
OCD reset command should be sent to the device prior to resuming normal execution to
ensure correct watchdog behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com