Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 8Page - ATMEL Corporation AT89LP213 Datasheet HTML 9Page - ATMEL Corporation AT89LP213 Datasheet HTML 10Page - ATMEL Corporation AT89LP213 Datasheet HTML 11Page - ATMEL Corporation AT89LP213 Datasheet HTML 12Page - ATMEL Corporation AT89LP213 Datasheet HTML 13Page - ATMEL Corporation AT89LP213 Datasheet HTML 14Page - ATMEL Corporation AT89LP213 Datasheet HTML 15Page - ATMEL Corporation AT89LP213 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
12
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
9.
System Clock
The system clock is generated directly from one of three selectable clock sources. The three
sources are the on-chip crystal oscillator, external clock source, and internal RC oscillator. The
clock source is selected by the Clock Source User Fuses as shown in Table 9-1. No internal
clock division is used to generate the CPU clock from the system clock. See “User Configuration
Fuses” on page 71.
9.1
Crystal Oscillator
When enabled, the internal inverting oscillator amplifier is connected between XTAL1 and
XTAL2 for connection to an external quartz crystal or ceramic resonator. When using the crystal
oscillator, P3.2 and P3.3 will have their inputs and outputs disabled. When using the crystal
oscillator, XTAL2 should not be used to drive a board-level clock without a buffer.
9.2
External Clock Source
The external clock option disables the oscillator amplifier and allows XTAL1 to be driven directly
by the clock source. XTAL2 may be left unconnected, used as P3.3 I/O, or configured to output
a divided version of the system clock.
9.3
Internal RC Oscillator
The AT89LP213/214 has an internal RC oscillator tuned to 8.0 MHz ±2.5%. When enabled as
the clock source, XTAL1 and XTAL2 may be used as P3.2 and P3.3 respectively. XTAL2 may
also be configured to output a divided version of the system clock. The frequency of the oscilla-
tor may be adjusted by changing the RC Adjust Fuses. (See “User Configuration Fuses” on
page 71).
9.4
System Clock Out
When the AT89LP213/214 is configured to use either an external clock or the internal RC oscil-
lator, a divided version of the system clock may be output on XTAL2 (P3.3). The Clock Out
feature is enabled by setting the COE bit in CLKREG. The two CDV bits determine the clock
divide ratio. For example, setting COE = “1” and CDIV = “00” when using the internal oscillator
will result in a 3.950 MHz (±5%) clock output on P3.3. P3.3 must be configured as an output in
order to use the clock out feature.
Table 9-1.
Clock Source Settings
Clock Source
Fuse 1
Clock Source
Fuse 0
Selected Clock Source
0
0
Crystal Oscillator
01
Reserved
1
0
External Clock on XTAL1
1
1
Internal 8 MHz RC Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com