Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP213 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 74Page - ATMEL Corporation AT89LP213 Datasheet HTML 75Page - ATMEL Corporation AT89LP213 Datasheet HTML 76Page - ATMEL Corporation AT89LP213 Datasheet HTML 77Page - ATMEL Corporation AT89LP213 Datasheet HTML 78Page - ATMEL Corporation AT89LP213 Datasheet HTML 79Page - ATMEL Corporation AT89LP213 Datasheet HTML 80Page - ATMEL Corporation AT89LP213 Datasheet HTML 81Page - ATMEL Corporation AT89LP213 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
78
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
Figure 24-1. SPI Master Timing (CPHA = 0)
Figure 24-2. SPI Slave Timing (CPHA = 0)
Figure 24-3. SPI Master Timing (CPHA = 1)
SS
SCK
(CPOL = 0)
SCK
(CPOL = 1)
MISO
MOSI
tSR
tSCK
tSLSH
tSLSH
tSHSL
tSHSL
tSOH
tSF
tSIS
tSIH
tSOV
tSR
tSSE
tSLSH
tSHSL
tSOV
tSF
tSOX
tSSD
tSCK
tSLSH
tSHSL
tSOE
tSOH
tSIH
tSIS
SS
SCK
(CPOL = 0)
SCK
(CPOL= 1)
MISO
MOSI
t
SHSL
t
SLSH
t
SHSL
t
SLSH
t
SCK
t
SOH
t
SF
t
SR
t
SIS
t
SOV
t
SIH
SS
SCK
(CPOL = 0)
SCK
(CPOL = 1)
MISO
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com